Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS1871SF Datasheet(PDF) 28 Page - Microchip Technology

Part # IS1871SF
Description  Bluetooth짰 Low Energy (BLE) SoC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1871SF Datasheet(HTML) 28 Page - Microchip Technology

Back Button IS1871SF Datasheet HTML 24Page - Microchip Technology IS1871SF Datasheet HTML 25Page - Microchip Technology IS1871SF Datasheet HTML 26Page - Microchip Technology IS1871SF Datasheet HTML 27Page - Microchip Technology IS1871SF Datasheet HTML 28Page - Microchip Technology IS1871SF Datasheet HTML 29Page - Microchip Technology IS1871SF Datasheet HTML 30Page - Microchip Technology IS1871SF Datasheet HTML 31Page - Microchip Technology IS1871SF Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
IS1870/71
DS60001371C-Page 28
 2015-2016 Microchip Technology Inc.
5.2
260
℃ Reflow Profile
Figure 5-3 illustrates the reflow profile and the following
are its specific features:
• Standard Condition: IPC/JEDEC J-STD-020
• Preheat: 150~200
℃ ~60~120 seconds
• Average ramp-up rate (+217
℃ to peak): +3℃/sec
max
• Temperature maintained above 217: 60~150 sec-
onds
• Time within +5
℃ of peak temperature: 30 ~ 40
seconds
• Peak temperature: 260 +5/-0
℃
• Ramp-down rate (peak to +217
℃): +6℃/sec. max
•Time +25
℃ to peak temperature: 8 minutes max
• Cycle interval: 5 minutes
FIGURE 5-3:
REFLOW PROFILE
IS1870SF_IS1871SF.book Page 28 Thursday, March 31, 2016 10:29 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com