Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS1871SF Datasheet(PDF) 14 Page - Microchip Technology

Part # IS1871SF
Description  Bluetooth짰 Low Energy (BLE) SoC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1871SF Datasheet(HTML) 14 Page - Microchip Technology

Back Button IS1871SF Datasheet HTML 10Page - Microchip Technology IS1871SF Datasheet HTML 11Page - Microchip Technology IS1871SF Datasheet HTML 12Page - Microchip Technology IS1871SF Datasheet HTML 13Page - Microchip Technology IS1871SF Datasheet HTML 14Page - Microchip Technology IS1871SF Datasheet HTML 15Page - Microchip Technology IS1871SF Datasheet HTML 16Page - Microchip Technology IS1871SF Datasheet HTML 17Page - Microchip Technology IS1871SF Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
IS1870/71
DS60001371C-Page 14
 2015-2016 Microchip Technology Inc.
2.2
System Block Specification
The following are system block specifications:
2.2.1
RF
• Bluetooth BT4.2 LE compliant SoC
• Frequency: 2.402 GHz to 2.480 GHz
• Programmable transmit output power up to +2
dBm maximum
• -25 dBm minimum Tx power to search nearby
devices
• -90 dBm typical receiver power sensitivity
• Digital RSSI indicator (-50 dBm~-90 dBm)
• -20°C to +70°C BLE RF certified
2.2.2
PMU
• Operating battery input voltage range: 1.9V~3.6V
• 1.28V RFLDO: RF IP power supply
• 1.55V PALDO: RF Tx power amplify supply
• 1.2V CLDO: Core-logic and memories supply
• 1.55V DC-DC switching buck converter
• 1.2V programmable ULPC to supply AON-logic
and retention memory
• AON-logic to control power-up, power-down and
wake up procedures
• Internal 32 KHz (±250 ppm) ultra low-power oscil-
lator
• Power-on Reset
2.2.3
MCU
• 8051 Core with scalable clock
•ROM: 32 KB
• Main SRAM: 24 KB
• Embedded Flash: 256 KB for Device Firmware
Upgrade (DFU) and run-time data storage
2.2.4
PERIPHERALS
• Flexible GPIO pin configuration
• ADC:
- 0V~3.6V, 12-bit SDM-ADC with 16-channel
(IS1870) or 6-Channel (IS1871) hybrid-I/O
(Multi-Function). It can be configured as ADC
or GPIO input
• Internal 1.9V~3.6V battery voltage monitor
• Precision Temperature Sensor (PTS)
(-20°C ~+70°C, ±3°C accuracy)
• 4 MHz clock-rate full duplex 4-wire master/slave
SPI with 256 bytes buffer DMA
• HCI over UART up to 921600 bps with flow-con-
trol
• 2-wire serial interface (compatible to I2C)
• General-purpose I/O pins with input internal pull-
up /Hi-Z selectable
• 24-bit low-power Real Time Counter (RTC) for
background timer in standby mode
• Watchdog timer
• Event Counter option (P1_4,P1_5) provides cap-
ture/counter function to external events for fre-
quency calculation. Provides 1K/32K/1M/16M
clock rate option to count the frequency range
from 60 Hz to 1 MHz. Continuous/One shot count
mode can be selected
• Specific GPIO pins (P1_6, P1_7) support external
32.768 KHz crystal option for RTC
•PWM:
- 16-bit PWM design
- 4 Individual frequency and individual duty
cycle channel outputs multiplexed with GPIO
pin (P2_1, P2_2, P2_3, P2_5)
- Three clock source (32K, 1M, 16M) selection
to program frequency range from 0.488 Hz to
8 MHz
- Double buffers output compare registers and
top register to avoid glitch
- Two pair output configurable as inverse chan-
nel
IS1870SF_IS1871SF.book Page 14 Thursday, March 31, 2016 10:29 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com