Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS1871SF Datasheet(PDF) 10 Page - Microchip Technology

Part # IS1871SF
Description  Bluetooth짰 Low Energy (BLE) SoC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1871SF Datasheet(HTML) 10 Page - Microchip Technology

Back Button IS1871SF Datasheet HTML 6Page - Microchip Technology IS1871SF Datasheet HTML 7Page - Microchip Technology IS1871SF Datasheet HTML 8Page - Microchip Technology IS1871SF Datasheet HTML 9Page - Microchip Technology IS1871SF Datasheet HTML 10Page - Microchip Technology IS1871SF Datasheet HTML 11Page - Microchip Technology IS1871SF Datasheet HTML 12Page - Microchip Technology IS1871SF Datasheet HTML 13Page - Microchip Technology IS1871SF Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
IS1870/71
DS60001371C-Page 10
 2015-2016 Microchip Technology Inc.
21
14
P0_2
DIO
AI
AI
GPIO: P0_2
ADC input: AD2
LED0
22
—
P0_3
DIO
AI
GPIO:P0_3
ADC input: AD3
23
—
P0_4
DIO
AI
GPIO:P0_4
ADC input: AD4
24
—
P0_5
DIO
AI
GPIO:P0_5
ADC input: AD5
25
—
P0_6
DIO
AI
GPIO:P0_6
ADC input: AD6
26
—
P0_7
DIO
AI
GPIO:P0_7
ADC input: AD7
27
15
BK_O
P
1.5V (for internal use, do not connect to external devices)
28
16
BK_LX
P
Buck output (1.55V). For internal use, do not connect to external
devices
29
17
BK_IN
P
Buck input. Voltage Range: 1.9V~3.6V
30
18
VBAT
P
Battery input. Voltage Range: 1.9V~3.6V. Connect to BK_IN and
a 10 uF decoupling capacitor as shown in Figure A-1 and
Figure A-3.
31
19
AVDD
P
input of LDOs: CLDO, PALDO, and RFLDO
32
20
CLDO_O
P
1.2V CLDO Output: Core-logic and memories supply, connect to
1 μF (X5R/X7R) capacitor
33
21
ULPC_O
P
1.2V Programmable ULPC Output: Always On-logic and reten-
tion memory supply (for internal use, do not connect to external
devices)
34
22
VREF
P
PMU band-gap reference voltage output for LDOs and buck (for
internal use, do not connect to external devices)
35
23
XO_N
A
32 MHz crystal input negative
36
24
XO_P
A
32 MHz crystal input positive
37
25
VCC_RF
P
Power input for VCO and RF (1.28V). Connect to 1 μF
(X5R/X7R) capacitor
38
26
Rx
AI
RF receive path
39
27
Tx
AO
RF transmit path
40
28
VCC_PA
P
Power supply for power amplifier (1.55V). Connect to 0.22 μF
X5R/X7R
41
29
P2_0
DIO
Mode Configuration
H: Application mode
L: Test mode
42
—
P2_1
DIO
DO
GPIO: P2_1
PWM0
43
—
P2_2
DIO
DO
GPIO: P2_2
PWM1
44
—
P2_3
DIO
DO
GPIO: P2_3
PWM2
45
30
P2_4
DIO
GPIO: P2_4
TX_CLS1: Class 1 RF RX Control
IS1870
Pin No.
IS1871
Pin No.
Pin Name
Type
Description
Legend:
A = Analog
D = Digital
I = Input
O = Output
P = Power
IS1870SF_IS1871SF.book Page 10 Thursday, March 31, 2016 10:29 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com