Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR8 Datasheet(PDF) 3 Page - Microchip Technology

Part # LR8
Description  Motor controls
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LR8 Datasheet(HTML) 3 Page - Microchip Technology

  LR8 Datasheet HTML 1Page - Microchip Technology LR8 Datasheet HTML 2Page - Microchip Technology LR8 Datasheet HTML 3Page - Microchip Technology LR8 Datasheet HTML 4Page - Microchip Technology LR8 Datasheet HTML 5Page - Microchip Technology LR8 Datasheet HTML 6Page - Microchip Technology LR8 Datasheet HTML 7Page - Microchip Technology LR8 Datasheet HTML 8Page - Microchip Technology LR8 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
 2015 Microchip Technology Inc.
DS20005399A-page 3
LR8
1.0
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS†
VIN Input voltage (voltages ref to ADJ).............................................................................................................................. -0.5 to +480V
Output voltage range.......................................................................................................................................................... 0.5 to +470V
Operating ambient temperature range........................................................................................................................... -40°C to +85°C
Operating junction temperature range ......................................................................................................................... -40°C to +125°C
Storage temperature .................................................................................................................................................... -65°C to +150°C
1.1
Electrical Specifications
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at those or any other conditions above those indicated in the
operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.
TABLE 1-1:
ELECTRICAL CHARACTERISTICS 1
1
Test Conditions unless otherwise specified: -40°C <TA < 85°C
Symbol
Parameter
Min
Typ
Max
Units Conditions
VIN- VOUT
Input to output voltage difference
12
450
V
VOUT
Overall output voltage regulation
1.14
1.20
1.26
V
13.2V < VIN< 400V,
R1= 2.4kΩ, R2= 0
375
400
425
V
R1= 2.4kΩ, R2= 782kΩ
∆VOUT
Line regulation
0.003
0.01
%/V
17V < VIN< 400V, VOUT= 5V,
IOUT= 0.5mA
Load regulation
1.4
3.0
%
VIN= 17V, VOUT= 5V,
0.5mA <IOUT< 10mA
Temperature regulation
-1
+1
%
VIN= 17V, VOUT= 5V, IOUT= 10mA,
-40°C < TA< 85°C
IOUT
Output current limit
10
30
mA
TJ< 85°C, VIN- VOUT= 12V
0.5
mA
TJ> 125°C, VIN- VOUT= 450V
IOUT
Minimum output current
0.3
0.5
mA
Includes R1 and load current
IADJ
Adjust output current
5.0
10
15
µA
CLOAD
Minimum output load capacitance
1.0
µF
∆VOUT/∆VIN Ripple rejection ratio
50
60
dB
120Hz, VOUT= 5V
TLIMIT
Junction temperature limit
125
°C
TABLE 1-2:
TYPICAL THERMAL RESISTANCE
Package
θja
TO-252 (D-PAK)
81°C/W
TO-92
132°C/W
TO-243AA (SOT-89)
133°C/W
TABLE 1-3:
THERMAL CHARACTERISTICS
Package
Power Dissipation
@TA = 2.5°C
θjc
°C/W
θja
°C/W
TO-92
0.74W
125
170
TO-243AA (SOT-89)
1.6W
15
781
1
Mounted on FR4 board, 25mm x 25mm x 1.57mm
TO-252 (D-PAK)
2.5W
6.25
501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com