Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR8 Datasheet(PDF) 8 Page - Microchip Technology

Part # LR8
Description  Motor controls
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LR8 Datasheet(HTML) 8 Page - Microchip Technology

Back Button LR8 Datasheet HTML 4Page - Microchip Technology LR8 Datasheet HTML 5Page - Microchip Technology LR8 Datasheet HTML 6Page - Microchip Technology LR8 Datasheet HTML 7Page - Microchip Technology LR8 Datasheet HTML 8Page - Microchip Technology LR8 Datasheet HTML 9Page - Microchip Technology LR8 Datasheet HTML 10Page - Microchip Technology LR8 Datasheet HTML 11Page - Microchip Technology LR8 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LR8
DS20005399A-page 8
 2015 Microchip Technology Inc.
FIGURE 3-7:
Typical Performance Curves 3 of 3
Load Transient Response
Line Transient Response
Line Power Up Transient
Load Transient Response
Line Transient Response
ADJ
V
IN
6.04kΩ
±1%
18.2kΩ
±1%
1.0μF
10kΩ
V
OUT = 5.0V
25V
LR8
532Ω
sw
ADJ
V
IN
6.04kΩ
±1%
18.2kΩ
±1%
1.0μF
10kΩ
V
OUT = 5.0V
LR8
400V
V
IN
0V
V
OUT
Closed
SW
Open
400V
V
IN
0V
V
OUT
0V
400V
V
IN
0V
5.0V
V
OUT
0V
400V
V
IN
0V
5.0V
V
OUT
0V
Line Power Down Transient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com