Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR8 Datasheet(PDF) 1 Page - Microchip Technology

Part # LR8
Description  Motor controls
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LR8 Datasheet(HTML) 1 Page - Microchip Technology

  LR8 Datasheet HTML 1Page - Microchip Technology LR8 Datasheet HTML 2Page - Microchip Technology LR8 Datasheet HTML 3Page - Microchip Technology LR8 Datasheet HTML 4Page - Microchip Technology LR8 Datasheet HTML 5Page - Microchip Technology LR8 Datasheet HTML 6Page - Microchip Technology LR8 Datasheet HTML 7Page - Microchip Technology LR8 Datasheet HTML 8Page - Microchip Technology LR8 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 2015 Microchip Technology Inc.
DS20005399A-page 1
LR8
Features
• 13.2 - 450V input voltage range
• Adjustable 1.20 - 438V output regulation
• 5% output voltage tolerance
• Output current limiting
• 10µA typical ADJ current
• Internal junction temperature limiting
Applications
• Off-line SMPS startup circuits
• Adjustable high voltage constant current source
• Industrial controls
• Motor controls
• Battery chargers
• Power supplies
Description
LR8 is a high-voltage, low-output current, adjustable
linear regulator. This regulator has a wide operating
input voltage range of 13.2 - 450V. The output voltage
can be adjusted from 1.20 - 438V, provided that the
input voltage is at least 12V greater than the output
voltage. The output voltage can be adjusted by means
of two external resistors, R1 and R2, as shown in the
typical application circuits. LR8 regulates the voltage
difference between VOUT and ADJ pins to a nominal
value of 1.20V. The 1.20V is amplified by the external
resistor ratio R1 and R2. An internal constant bias cur-
rent, of typically 10µA, is connected to the ADJ pin.
This increases VOUT by a constant voltage of 10µA
times R2.
LR8 provides both current and temperature limiting.
The output current limit is typically 20mA and the mini-
mum temperature limit is 125°C. An output short-circuit
current will therefore be limited to 20mA. When the
junction temperature reaches its temperature limit, the
output current and/or output voltage will decrease to
prevent the junction temperature from exceeding its
temperature limit. For SMPS start-up circuit applica-
tions, LR8 turns off when an external voltage greater
than the output voltage of the LR8 is applied to VOUT
of the LR8. To maintain stability, a bypass capacitor of
1.0µF or larger and a minimum DC output current of
500µA are required.
LR8 is available in TO-243AA (SOT-89), TO-252 (D-
PAK), and TO-92 packages.
High-Input Voltage, Adjustable, 3-Terminal,
Linear Regulator


Similar Part No. - LR8

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR8 SUTEX-LR8 Datasheet
601Kb / 11P
High Input Voltage Adjustable 3-Terminal Linear Regulator
LR8 SUTEX-LR8 Datasheet
697Kb / 9P
High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
Leshan Radio Company
LR8064 LRC-LR8064 Datasheet
527Kb / 8P
200mA Low Consumption Linear Regulator
LR8064 LRC-LR8064_15 Datasheet
378Kb / 8P
200mA Low Consumption Linear Regulator
LR8095 LRC-LR8095 Datasheet
1Mb / 6P
24V/1.2A Asynchronous Buck Converter in SOT23-6
More results

Similar Description - LR8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM150CSE060 MITSUBISHI-PM150CSE060 Datasheet
135Kb / 6P
General purpose inverter, servo drives and other motor controls
PM200RSE060 MITSUBISHI-PM200RSE060 Datasheet
127Kb / 6P
General purpose inverter, servo drives and other motor controls
PM300RSE060 MITSUBISHI-PM300RSE060 Datasheet
127Kb / 6P
General purpose inverter, servo drives and other motor controls
logo
List of Unclassifed Man...
ST699 ETC1-ST699 Datasheet
275Kb / 2P
HEATING CONTROLS
logo
Bourns Electronic Solut...
PTE BOURNS-PTE Datasheet
38Kb / 3P
Panel Controls
PDV BOURNS-PDV Datasheet
31Kb / 2P
Panel Controls
logo
SemiHow Co.,Ltd.
KSD13003ER SEMIHOW-KSD13003ER Datasheet
553Kb / 5P
Suitable for Switching regulator, Inverters motor controls
logo
OmniVision Technologies...
OV2735 OMNIVISION-OV2735 Datasheet
832Kb / 2P
programmable controls
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
SC3 LITTELFUSE-SC3 Datasheet
296Kb / 2P
Sequencing Controls
2016 Rev: 1-A-062316
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com