Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP633 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP633
Description  Unity-Gain Stable
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP633 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP633 Datasheet HTML 19Page - Microchip Technology MCP633 Datasheet HTML 20Page - Microchip Technology MCP633 Datasheet HTML 21Page - Microchip Technology MCP633 Datasheet HTML 22Page - Microchip Technology MCP633 Datasheet HTML 23Page - Microchip Technology MCP633 Datasheet HTML 24Page - Microchip Technology MCP633 Datasheet HTML 25Page - Microchip Technology MCP633 Datasheet HTML 26Page - Microchip Technology MCP633 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
 2009-2014 Microchip Technology Inc.
DS20002197C-page 23
MCP631/2/3/4/5/9
The largest value of RF that should be used depends
on the noise gain (see GN in Section 4.3.1
“Capacitive Loads”), CG and the open-loop gain’s
phase
shift.
Figure 4-9
shows
the
maximum
recommended RF for several CG values. Some
applications may modify these values to reduce either
output loading or gain peaking (step response
overshoot).
FIGURE 4-9:
Maximum Recommended
RF vs. Gain.
Figures 2-34 and 2-35 show the small signal and large
signal step responses at G = +1 V/V. The unity-gain
buffer usually has RF =0 and RG open.
Figures 2-36 and 2-37 show the small signal and large
signal step responses at G = -1 V/V. Since the noise
gain is 2 V/V and CG  10 pF, the resistors were
chosen to be RF =RG =1 k and RN = 500.
It is also possible to add a capacitor (CF) in parallel with
RF to compensate for the destabilizing effect of CG.
This makes it possible to use larger values of RF. The
conditions for stability are summarized in Equation 4-6.
EQUATION 4-6:
4.4
MCP633, MCP635 and MCP639
Chip Select
The MCP633 is a single amplifier with Chip Select
(CS). When CS is pulled high, the supply current drops
to 1 µA (typical) and flows through the CS pin to VSS.
When this happens, the amplifier output is put into a
high-impedance state. By pulling CS low, the amplifier
is enabled. The CS pin has an internal 5 M
 (typical)
pull-down resistor connected to VSS, so it will go low if
the CS pin is left floating. Figures 1-1, 2-42 and 2-43
show the output voltage and supply current response to
a CS pulse.
The MCP635 is a dual amplifier with two CS pins; CSA
controls op amp A and CSB controls op amp B. These
op amps are controlled independently, with an enabled
quiescent current (IQ) of 2.5 mA/amplifier (typical) and
a disabled IQ of 1 µA/amplifier (typical). The IQ seen at
the supply pins is the sum of the two op amps’ IQ; the
typical value for the IQ of the MCP635 will be 2 µA,
2.5 mA or 5 mA when there are 0, 1 or 2 amplifiers
enabled, respectively.
The MCP639 is a quad amplifier with two CS pins; CSB
controls op amp B and CSD controls op amp D.
4.5
Power Supply
With this family of operational amplifiers, the Power
Supply pin (VDD for single supply) should have a local
bypass capacitor (i.e., 0.01 µF to 0.1 µF) within 2 mm
for good high-frequency performance. Surface mount,
multilayer ceramic capacitors, or their equivalent,
should be used.
These op amps require a bulk capacitor (i.e., 2.2 µF or
larger) within 50 mm to provide large, slow currents.
Tantalum capacitors, or their equivalent, may be a good
choice. This bulk capacitor can be shared with other
nearby analog parts as long as crosstalk through the
supplies does not prove to be a problem.
1.E+02
1.E+03
1.E+04
1.E+05
1
10
100
Noise Gain; GN (V/V)
GN > +1 V/V
100
10k
100k
1k
CG = 10 pF
CG = 32 pF
CG = 100 pF
CG = 320 pF
CG = 1 nF
We need:
Given:
G
N1
1
R
F
R
G
-------
+
=
G
N2
1
C
G
C
F
-------
+
=
f
F
1
2
R
FCF
---------------------
=
f
Z
f
F
G
N1
G
N2
----------


=
f
F
f
GBWP
2G
N2
---------------,
G
N1
G
N2
f
F
f
GBWP
4G
N1
---------------,
G
N1
G
N2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com