Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP633 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP633
Description  Unity-Gain Stable
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP633 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP633 Datasheet HTML 20Page - Microchip Technology MCP633 Datasheet HTML 21Page - Microchip Technology MCP633 Datasheet HTML 22Page - Microchip Technology MCP633 Datasheet HTML 23Page - Microchip Technology MCP633 Datasheet HTML 24Page - Microchip Technology MCP633 Datasheet HTML 25Page - Microchip Technology MCP633 Datasheet HTML 26Page - Microchip Technology MCP633 Datasheet HTML 27Page - Microchip Technology MCP633 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
MCP631/2/3/4/5/9
DS20002197C-page 24
 2009-2014 Microchip Technology Inc.
4.6
High-Speed PCB Layout
These op amps are fast enough that a little extra care
in the printed circuit board (PCB) layout can make a
significant difference in performance. Good PCB layout
techniques will help achieve the performance shown in
the specifications and typical performance curves; it
will also help minimize electromagnetic compatibility
(EMC) issues.
Use a solid ground plane. Connect the bypass local
capacitor(s) to this plane with minimal length traces.
This cuts down inductive and capacitive crosstalk.
Separate digital from analog, low-speed from
high-speed, and low-power from high-power. This will
reduce interference.
Keep sensitive traces short and straight. Separate
them from interfering components and traces. This is
especially important for high-frequency (low rise time)
signals.
Sometimes, it helps to place guard traces next to victim
traces. They should be on both sides of the victim trace
and as close as possible. Connect guard traces to
ground plane at both ends and in the middle for long
traces.
Use coax cables, or low-inductance wiring, to route
signal and power to and from the PCB. Mutual and
self-inductance of power wires is often a cause of
crosstalk and unusual behavior.
4.7
Typical Applications
4.7.1
POWER DRIVER WITH HIGH GAIN
Figure 4-10 shows a power driver with high gain
(1 + R2/R1). The short-circuit current of the
MCP631/2/3/4/5/9 op amps makes it possible to drive
significant loads. The calibrated input offset voltage
supports accurate response at high gains. R3 should
be small and equal to R1||R2 in order to minimize the
bias current induced offset.
FIGURE 4-10:
Power Driver.
4.7.2
OPTICAL DETECTOR AMPLIFIER
Figure 4-11 shows a transimpedance amplifier, using
the MCP63X op amp, in a photo detector circuit. The
photo detector is a capacitive current source. RF
provides enough gain to produce 10 mV at VOUT. CF
stabilizes the gain and limits the transimpedance
bandwidth to about 1.1 MHz. The parasitic capacitance
of RF (e.g., 0.2 pF for a 0805 SMD) acts in parallel with
CF.
FIGURE 4-11:
Transimpedance Amplifier
for an Optical Detector.
4.7.3
H-BRIDGE DRIVER
Figure 4-12 shows the MCP632 dual op amp used as
a H-bridge driver. The load could be a speaker or a DC
motor.
FIGURE 4-12:
H-Bridge Driver.
This circuit automatically makes the noise gains (GN)
equal when the gains are set properly, so that the
frequency responses match well (in magnitude and in
phase). Equation 4-7 shows how to calculate RGT and
RGB so that both op amps have the same DC gains;
GDM needs to be selected first.
R1
R2
VIN
VDD/2
VOUT
R3
RL
MCP63X
-
+
Photo
Detector
CD
CF
RF
VDD/2
30 pF
100 k
1.5 pF
ID
100 nA
VOUT
MCP632
-
+
RF
RF
VIN
VOT
RF
RGB
VOB
VDD/2
RGT
RL
½ MCP633
½ MCP633
+
-
-
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com