Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP633 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP633
Description  Unity-Gain Stable
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP633 Datasheet(HTML) 5 Page - Microchip Technology

  MCP633 Datasheet HTML 1Page - Microchip Technology MCP633 Datasheet HTML 2Page - Microchip Technology MCP633 Datasheet HTML 3Page - Microchip Technology MCP633 Datasheet HTML 4Page - Microchip Technology MCP633 Datasheet HTML 5Page - Microchip Technology MCP633 Datasheet HTML 6Page - Microchip Technology MCP633 Datasheet HTML 7Page - Microchip Technology MCP633 Datasheet HTML 8Page - Microchip Technology MCP633 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
 2009-2014 Microchip Technology Inc.
DS20002197C-page 5
MCP631/2/3/4/5/9
1.3
Timing Diagram
FIGURE 1-1:
Timing Diagram.
1.4
Test Circuits
The circuit used for most DC and AC tests is shown in
Figure 1-2. It independently sets VCM and VOUT; see
Equation 1-1. The circuit’s Common-Mode voltage is
(VP +VM)/2, not VCM. VOST includes VOS plus the
effects of temperature, CMRR, PSRR and AOL.
EQUATION 1-1:
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, all limits are specified for: VDD = +2.5V to +5.5V, VSS = GND.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Operating Temperature Range
TA
-40
—
+125
°C
Note 1
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-SOT-23
θJA
—
201.0
—
°C/W
Thermal Resistance, 6L-SOT-23
θJA
—
190.5
—
°C/W
Thermal Resistance, 8L-2x3 TDFN
θJA
—
52.5
—
°C/W
Thermal Resistance, 8L-3x3 DFN
θJA
—
56.7
—
°C/W
Note 2
Thermal Resistance, 8L-SOIC
θJA
—
149.5
—
°C/W
Thermal Resistance, 10L-3x3 DFN
θJA
—
54.0
—
°C/W
Note 2
Thermal Resistance, 10L-MSOP
θJA
—
202
—
°C/W
Thermal Resistance, 14L-SOIC
θJA
—
90.8
—
°C/W
Thermal Resistance, 14L-TSSOP
θJA
—
100
—
°C/W
Thermal Resistance, 16L-4x4-QFN
θJA
—
52.1
—
°C/W
Note 2
Note 1:
Operation must not cause TJ to exceed Maximum Junction Temperature specification (+150°C).
2:
Measured on a standard JC51-7, four-layer printed circuit board with ground plane and vias.
VOUT
ISS
ICS
-1 µA
High Z
0.7 µA
On
-2.5 mA
-1 µA
tON
tOFF
High Z
0.1 nA
0.7 µA
CS
VIL
VIH
(typical)
(typical)
(typical)
(typical)
(typical)
(typical)
Where:
GDM = Differential Mode Gain
(V/V)
GN = Noise Gain
(V/V)
VCM = Op Amp’s Common-Mode
Input Voltage
(V)
VOST = Op Amp’s Total Input Offset
Voltage
(mV)
G
DM
R
F
R
G
-------
=
G
N
1G
DM
+
=
V
CM
V
P 1
1
G
N
-------
–


V
REF
1
G
N
-------


+
=
V
OST
V
IN -
V
IN+
–
=
V
OUT
V
REF
V
P
V
M
–
G
DM
V
OSTGN
++
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com