Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3722 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3722
Description  5-Pin Microprocessor Reset Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3722 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3722 Datasheet HTML 1Page - National Semiconductor (TI) LM3722 Datasheet HTML 2Page - National Semiconductor (TI) LM3722 Datasheet HTML 3Page - National Semiconductor (TI) LM3722 Datasheet HTML 4Page - National Semiconductor (TI) LM3722 Datasheet HTML 5Page - National Semiconductor (TI) LM3722 Datasheet HTML 6Page - National Semiconductor (TI) LM3722 Datasheet HTML 7Page - National Semiconductor (TI) LM3722 Datasheet HTML 8Page - National Semiconductor (TI) LM3722 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Pin Description
PIN
NAME
FUNCTION
1
GND
Ground reference
2
GND
Ground reference, device substrate, connect to ground.
3
RESET
LM3722/LM3724
Active-low output. RESET remains low while V
CC is below the reset threshold
voltage, and for 190 ms after V
CC rises above the reset threshold voltage.
RESET
LM3723
Active-high output. RESET remains high while V
CC is below the reset threshold, and
for 190 ms after V
CC rises above the reset threshold.
4MR
Active-low input. Reset is asserted whenever this pin is pulled low and remains
asserted for 190 ms after the MR pin goes high. May be left open.
5V
CC
Supply Voltage (+5V, +3.3V, or +2.5V, nominal)
Block Diagram
LM3722/LM3723/LM3724 Block Diagram
20014435
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com