Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3722 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3722
Description  5-Pin Microprocessor Reset Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3722 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM3722 Datasheet HTML 1Page - National Semiconductor (TI) LM3722 Datasheet HTML 2Page - National Semiconductor (TI) LM3722 Datasheet HTML 3Page - National Semiconductor (TI) LM3722 Datasheet HTML 4Page - National Semiconductor (TI) LM3722 Datasheet HTML 5Page - National Semiconductor (TI) LM3722 Datasheet HTML 6Page - National Semiconductor (TI) LM3722 Datasheet HTML 7Page - National Semiconductor (TI) LM3722 Datasheet HTML 8Page - National Semiconductor (TI) LM3722 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Electrical Characteristics (Continued)
Typical values are at T
A = +25˚C. Limits with standard typeface are for TA = +25˚C, and limits in boldface type apply for the
operating temperature range (−40˚C to +85˚C) for LM372_IM5X, and (−40˚C to +125˚C) for LM372_EM5X, unless otherwise
noted. (Note 4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OH
RESET Output Voltage High
(LM3723)
1.8V < V
CC < VTH min, ISOURCE = 150µA
0.8V
CC
V
V
OL
RESET Output Voltage Low
(LM3724)
V
CC =VTH min, ISINK = 1.2 mA
(LM3724 -2.32/3.08)
0.3
V
V
CC =VTH min, ISINK = 3.2 mA
(LM3724 -4.63)
0.4
V
CC > 1V, ISINK = 50µA
0.3
I
IN
RESET Output Leakage
Current (LM3724)
V
CC > VTH, RESET = 5.5V
0.5
µA
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which the device operates
correctly. Operating ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics.
Note 2: The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Note 3: At elevated temperatures, devices must be derated based on package thermal resistance. The device in the SOT23-5 package must be derated at
4.5mW/˚C at ambient temperatures above 70˚C. The device has internal thermal protection.
Note 4: Production testing done at TA = +25˚C. Limits over the operating temperature range are guaranteed through correlation using Statistical Quality Control
(SQC) methods.
Note 5: RESET Output for LM3722 and LM3724, RESET output for LM3723.
Note 6: Glitches of 100 ns or less typically will not generate a reset pulse.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com