Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3722 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3722
Description  5-Pin Microprocessor Reset Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3722 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3722 Datasheet HTML 1Page - National Semiconductor (TI) LM3722 Datasheet HTML 2Page - National Semiconductor (TI) LM3722 Datasheet HTML 3Page - National Semiconductor (TI) LM3722 Datasheet HTML 4Page - National Semiconductor (TI) LM3722 Datasheet HTML 5Page - National Semiconductor (TI) LM3722 Datasheet HTML 6Page - National Semiconductor (TI) LM3722 Datasheet HTML 7Page - National Semiconductor (TI) LM3722 Datasheet HTML 8Page - National Semiconductor (TI) LM3722 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
CC,MR
−0.3V to 6.0V
RESET, RESET
−0.3V to (V
CC+ 0.3V)
Input Current, V
CC Pin
20mA
Output Current, RESET,
RESET Pin
20mA
ESD Rating (Note 2)
2kV
Continuous Power Dissipation (T
A = +70˚C)
SOT-23 (Note 3)
320mW
Operating Temperature Range
Industrial:
−40˚C to +85˚C
Extended:
−40˚C to +125˚C
Maximum Junction Temperature
125˚C
Storage Temperature Range
−65˚C to +160˚C
Lead Temperature
(soldering, 10sec)
+300˚C
Electrical Characteristics
Typical values are at T
A = +25˚C. Limits with standard typeface are for TA = +25˚C, and limits in boldface type apply for the
operating temperature range (−40˚C to +85˚C) for LM372_IM5X, and (−40˚C to +125˚C) for LM372_EM5X, unless otherwise
noted. (Note 4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
CC
V
CC Range
1.0
5.5
V
I
CC
Supply Current
(I
LOAD = 0A)
LM372 _ -4.63
V
CC = 5.5V
8
15
µA
LM372 _ -3.08
V
CC = 3.6V
7
10
LM372 _ -2.32
V
CC = 2.5V
6
10
V
TH
Reset Threshold
LM372 _ -4.63
4.54
4.50
4.63
4.72
4.75
V
LM372 _ -3.08
3.03
3.00
3.08
3.14
3.15
LM372 _ -2.32
2.27
2.25
2.32
2.37
2.40
V
TH
Tempco
Reset Threshold
Temperature Coefficient
30
ppm/˚C
t
RD
V
CC to Reset Delay (Note 5)
V
CC =VTH to (VTH − 100mV)
20
µs
t
RP
Reset Active Timeout Period
100
190
560
ms
t
MR
MR Minimum Pulse Width
10
µs
t
MD
MR to Reset Propagation
Delay
2µs
MR Glitch Immunity (Note 6)
100
ns
V
IH
MR Input Threshold
V
CC > VTH(MAX), LM372_ -4.63
2.3
V
V
IL
0.8
V
IH
V
CC > VTH(MAX), LM372_ -3.08, LM372_
-2.32
0.7 V
CC
V
IL
0.25 V
CC
MR Pull-Up Resistance
22
k
Ω
V
OL
RESET Output Voltage Low
(LM3722)
V
CC =VTH min, ISINK = 1.2mA,
(LM3722-2.32/3.08)
0.3
V
V
CC =VTH min, ISINK = 3.2mA,
(LM3722-4.63)
0.4
V
CC > 1V, ISINK = 50µA
0.3
V
OH
RESET Output Voltage High
(LM3722)
V
CC > VTH max, ISOURCE = 500µA,
(LM3722-2.32/3.08)
0.8V
CC
V
V
CC > VTH max, ISOURCE = 800µA,
(LM3722-4.63)
V
CC−1.5
V
OL
RESET Output Voltage Low
(LM3723)
V
CC =VTH max, ISINK = 1.2mA
(LM3723 -2.32/3.08)
0.3
V
V
CC =VTH max, ISINK = 3.2mA
(LM3723 -4.63)
0.4
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com