Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEW01CC24 Datasheet(PDF) 2 Page - Astec America, Inc

Part # AEW01CC24
Description  Two wide input voltage range
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEW01CC24 Datasheet(HTML) 2 Page - Astec America, Inc

  AEW01CC24 Datasheet HTML 1Page - Astec America, Inc AEW01CC24 Datasheet HTML 2Page - Astec America, Inc AEW01CC24 Datasheet HTML 3Page - Astec America, Inc AEW01CC24 Datasheet HTML 4Page - Astec America, Inc AEW01CC24 Datasheet HTML 5Page - Astec America, Inc AEW01CC24 Datasheet HTML 6Page - Astec America, Inc AEW01CC24 Datasheet HTML 7Page - Astec America, Inc AEW01CC24 Datasheet HTML 8Page - Astec America, Inc AEW01CC24 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
2
List 1
AEW dual output products list
Model
Input voltage
(V)
Output voltage
(V)
Output current
(A)
Product code
AEW03AA24
18-36
±5
±3.0
02280360
AEW01BB24
18-36
±12
±1.25
02280358
AEW01CC24
18-36
±15
±1.0
02280362
AEW03AA48
36-72
±5
±3.0
02280359
AEW01BB48
36-72
±12
±1.25
02280264
AEW01CC48
36-72
±15
±1.0
02280361
Absolute maximum value:
The following list is the maximum stress that the module can endure. If the module works under
the condition for a long time, it may short the lifetime and have bad effect on its reliability. If the
environmental stress exceeds the absolute maximum value listed below, the module may be
damaged forever.
List 2
Extreme limit parameters
Parameters
Model
Minimum
Maximum
Unit
Note
Rated 24V
42
50
Vdc
Vdc
Continuously
Instant < 100ms
Input voltage
(+Vin~-Vin)
Rated 48V
82
100
Vdc
Vdc
Continuously
Instant < 100ms
CNT voltage
CNT~-Vin
Rated 24V
Rated 48V
42
82
Vdc
Vdc
Continuously
Continuously
Isolated voltage
Input-output
All
2000
Vdc
Operating ambient
temperature
All
-25
+70
°C
Storage temperature
All
-40
+105
°C
Pin soldering
temperature
All
260
°C
Wave solder < 12S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com