Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEW01CC24 Datasheet(PDF) 39 Page - Astec America, Inc

Part # AEW01CC24
Description  Two wide input voltage range
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEW01CC24 Datasheet(HTML) 39 Page - Astec America, Inc

Back Button AEW01CC24 Datasheet HTML 35Page - Astec America, Inc AEW01CC24 Datasheet HTML 36Page - Astec America, Inc AEW01CC24 Datasheet HTML 37Page - Astec America, Inc AEW01CC24 Datasheet HTML 38Page - Astec America, Inc AEW01CC24 Datasheet HTML 39Page - Astec America, Inc AEW01CC24 Datasheet HTML 40Page - Astec America, Inc AEW01CC24 Datasheet HTML 41Page - Astec America, Inc AEW01CC24 Datasheet HTML 42Page - Astec America, Inc AEW01CC24 Datasheet HTML 43Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
39
3. Input and Output
3.1 Input fuse
The AEW power module has no internal fuse. An external fuse must always
be employed! To meet international safety requirements, a 250 Volt rated fuse
should be used. If one of the input lines is connected to chassis ground, then
the fuse must be placed in the other input line.
Standard safety agency regulations require input fusing. Recommended fuse
ratings for the AEH Series are shown in the following table:
Input voltage
Dual output
Triple output
Rated 24V input
5A
5A
Rated 48Vinput
2.5A
2.5A
3.2 Input filtering
z
Input filters are included in the converters to help achieve standard system
emissions certifications. Some users however, may find that additional input
filtering is necessary. The AEW series has an internal switching frequency of
280 kHz so a high frequency capacitor mounted close to the input terminals
produces the best results. To reduce reflected noise, a capacitor can be added
across the input as shown in following figure, forming a
π filter.
For conditions where EMI is a concern, a different input filter can be used.
Following figure shows an input filter designed to reduce EMI effects.
z Recommended L & C:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com