Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEW01CC24 Datasheet(PDF) 21 Page - Astec America, Inc

Part # AEW01CC24
Description  Two wide input voltage range
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEW01CC24 Datasheet(HTML) 21 Page - Astec America, Inc

Back Button AEW01CC24 Datasheet HTML 17Page - Astec America, Inc AEW01CC24 Datasheet HTML 18Page - Astec America, Inc AEW01CC24 Datasheet HTML 19Page - Astec America, Inc AEW01CC24 Datasheet HTML 20Page - Astec America, Inc AEW01CC24 Datasheet HTML 21Page - Astec America, Inc AEW01CC24 Datasheet HTML 22Page - Astec America, Inc AEW01CC24 Datasheet HTML 23Page - Astec America, Inc AEW01CC24 Datasheet HTML 24Page - Astec America, Inc AEW01CC24 Datasheet HTML 25Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
21
Electrical Characteristic (continued)
List 5 Output characteristics
Parameter
Model
Symbol
Minimum
Typical
Maximum
Unit
AEW05ABB24
Vo1,set
Vo2,set
-Vo2,set
+4.95
+11.4
-11.4
+5.0
+12.0
-12.0
+5.05
+12.6
-12.6
Vdc
Vdc
Vdc
AEW05ACC24
Vo1,set
Vo2,set
-Vo2,set
+4.95
+14.25
-14.25
+5.0
+15.0
-15.0
+5.05
+15.75
-15.75
Vdc
Vdc
Vdc
AEW05ABB48
Vo1,set
Vo2,set
-Vo2,set
+4.95
+11.4
-11.4
+5.0
+12.0
-12.0
+5.05
+12.6
-12.6
Vdc
Vdc
Vdc
Output setpoint
voltage
Condition:
1.
25
°C
ambient
temperature,
2. rated input,
3. 20% load
AEW05ACC48
Vo1,set
Vo2,set
-Vo2,set
+4.95
+14.25
-14.25
+5.0
+15.0
-15.0
+5.05
+15.75
-15.75
Vdc
Vdc
Vdc
AEW05ABB24
Vo1
Vo2
-Vo2
+4.83
+11.04
-11.04
+5.0
+12.0
-12.0
+5.17
+12.96
-12.96
Vdc
Vdc
Vdc
AEW05ACC24
Vo1
Vo2
-Vo2
+4.83
+13.8
-13.8
+5.0
+15.0
-15.0
+5.17
+16.2
-16.2
Vdc
Vdc
Vdc
AEW05ABB48
Vo1
Vo2
-Vo2
+4.83
+11.04
-11.04
+5.0
+12.0
-12.0
+5.17
+12.96
-12.96
Vdc
Vdc
Vdc
Output voltage
Conditions:
1. Full input range,
output
range
and
ambient temperature
range.
2.
20%
100%
load.
AEW05ACC48
Vo1
Vo2
-Vo2
+4.83
+13.8
-13.8
+5.0
+15.0
-15.0
+5.17
+16.2
-16.2
Vdc
Vdc
Vdc
Line regulation
Low
high
Io2=-Io2
All
Vo1
Vo2
-Vo2
—
—
—
0.01
0.5
0.5
0.2
2
2
%
%
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com