Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3813 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3813
Description  Precision Current Gauge IC with Ultra Low Loss Sense Element and PWM Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3813 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3813 Datasheet HTML 1Page - National Semiconductor (TI) LM3813 Datasheet HTML 2Page - National Semiconductor (TI) LM3813 Datasheet HTML 3Page - National Semiconductor (TI) LM3813 Datasheet HTML 4Page - National Semiconductor (TI) LM3813 Datasheet HTML 5Page - National Semiconductor (TI) LM3813 Datasheet HTML 6Page - National Semiconductor (TI) LM3813 Datasheet HTML 7Page - National Semiconductor (TI) LM3813 Datasheet HTML 8Page - National Semiconductor (TI) LM3813 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Absolute Maximum Supply Voltage
5.5V
Power Dissipation
(Note 2)
ESD Susceptibility (Note 3)
1.5 kV
Sense Current (peak, for 200 msec) (Note 4)
10A
Sink Current for PWM pin
1mA
Voltage on Pin 5
5.25V
Maximum Junction Temperature
150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature (Soldering, 10 sec)
260˚C
Operating Ratings (Note 1)
Input Voltage
2.0V to 5.25V
Sense Current (continuous) (Note 4)
7A
Junction Temperature Range
−40˚C to +125˚C
Electrical Characteristics
LM3812-1.0, LM3813-1.0
V
DD = 5.0V for the following specifications. Supply bypass capacitor is 1 µF and filter capacitor is 0.1 µF.
Symbol
Parameter
Conditions
Typ
(Note 5)
Limit
(Note 6)
Units
I
ACC
Average Current Accuracy
(Note 7)
at 0.9A current
0.9
A
0.882 / 0.864
A (min)
0.918 / 0.936
A (max)
e
n
Effective Output Noise (rms)
2
mA
LM3812-7.0, LM3813-7.0
V
DD = 5.0V for the following specifications. Supply bypass capacitor is 1 µF and filter capacitor is 0.1 µF.
Symbol
Parameter
Conditions
Typ
(Note 5)
Limit
(Note 6)
Units
I
ACC
Average Current Accuracy
(Note 7)
at 2.5A current (Note 8)
2.5
A
2.400 / 2.350
A (min)
2.600 / 2.650
A (max)
e
n
Effective Output Noise (rms)
20
mA
Common Device Parameters
Unless otherwise specified, V
DD = 5.0V for the following specifications. Supply bypass capacitor is 1 µF and filter capacitor is
0.1 µF.
Symbol
Parameter
Conditions
Typ
(Note 5)
Limit
(Note 6)
Units
I
Q1
Quiescent Current
Normal Mode, SD = high
100
µA
160
µA (max)
I
Q2
Quiescent Current
Shutdown Mode, SD = low
2.5
µA
10
µA (max)
D
RES
PWM Resolution
0.1
%
t
S
Sampling Time
52
ms
40
ms (min)
80
ms (max)
f
P
Frequency of PWM Waveform
20
Hz
12.5
Hz (min)
25
Hz (max)
V
TH
Threshold High Level for SD
1.2
V
1.8
V (min)
V
TL
Threshold Low Level for SD
1.3
V
0.7
V (max)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com