Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3813 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3813
Description  Precision Current Gauge IC with Ultra Low Loss Sense Element and PWM Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3813 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3813 Datasheet HTML 1Page - National Semiconductor (TI) LM3813 Datasheet HTML 2Page - National Semiconductor (TI) LM3813 Datasheet HTML 3Page - National Semiconductor (TI) LM3813 Datasheet HTML 4Page - National Semiconductor (TI) LM3813 Datasheet HTML 5Page - National Semiconductor (TI) LM3813 Datasheet HTML 6Page - National Semiconductor (TI) LM3813 Datasheet HTML 7Page - National Semiconductor (TI) LM3813 Datasheet HTML 8Page - National Semiconductor (TI) LM3813 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM3812/LM3813
Precision Current Gauge IC with Ultra Low Loss Sense
Element and PWM Output
General Description
The LM3812/LM3813 Current Gauges provide easy to use
precision current measurement with virtually zero insertion
loss (typically 0.004
Ω). The LM3812 is used for high-side
sensing and the LM3813 is used for low-side sensing.
A Delta Sigma analog to digital converter is incorporated to
precisely measure the current and to provide a current aver-
aging function. Current is averaged over 50 msec time peri-
ods in order to provide immunity to current spikes. The ICs
have a pulse-width modulated (PWM) output which indicates
the current magnitude and direction. The shutdown pin can
be used to inhibit false triggering during start-up, or to enter
a low quiescent current mode.
The LM3812 and LM3813 are factory-set in two different cur-
rent options. The sense range is −1A to +1A or −7A to +7A.
The sampling interval for these parts is 50ms. If faster sam-
pling is desired, please refer to the data sheets for the part
numbers LM3814 and LM3815.
Key Specifications
n Ultra low insertion loss (typically 0.004
Ω)
n 2V to 5.25V supply range
n ±2% accuracy at room temperature (includes accuracy
of the internal sense element) (LM3812-1.0,
LM3813-1.0)
n Low quiescent current in shutdown mode (typically
2.5 µA)
n 50 msec sampling interval
Features
n No external sense element required
n PWM output indicates the current magnitude and
direction
n PWM output can be interfaced with microprocessors
n Precision
∆Σ current-sense technique
n Low temperature sensitivity
n Internal filtering rejects false trips
n Internal Power-On-Reset (POR)
Applications
n Battery charge/discharge gauge
n Motion control diagnostics
n Power supply load monitoring and management
n Resettable smart fuse
Connection Diagrams
DS100122-1
Top View
LM3812
for High-Side Sensing
DS100122-3
Top View
LM3813
for Low-Side Sensing
June 1999
© 1999 National Semiconductor Corporation
DS100122
www.national.com


Similar Part No. - LM3813

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM381 NSC-LM381 Datasheet
130Kb / 6P
LM381/LM381A Low Noise Dual Preamplifier
logo
Seoul Semiconductor
LM381 SEOUL-LM381 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM381 SEOUL-LM381 Datasheet
360Kb / 13P
CYAN LAMP LED
LM381 SEOUL-LM381 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM381 SEOUL-LM381 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results

Similar Description - LM3813

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3814 NSC-LM3814 Datasheet
264Kb / 14P
Fast Current Gauge IC with Ultra Low Loss Sense Element and PWM Output
LM3822 NSC-LM3822 Datasheet
265Kb / 12P
Precision Current Gauge IC with Internal Zero Ohm Sense Element and PWM Output
LM3824 NSC-LM3824 Datasheet
265Kb / 12P
Precision Current Gauge IC with Internal Zero Ohm Sense Element and PWM Output
LM3814 NSC-LM3814_05 Datasheet
708Kb / 14P
Fast Current Gauge IC with Ultra Low Loss Sense Element and PWM Output
logo
Ohmite Mfg. Co.
CS3FR050E OHMITE-CS3FR050E Datasheet
99Kb / 1P
Wire Element Four Terminal Precision Current Sense
MCS OHMITE-MCS Datasheet
491Kb / 2P
Metal Element Current Sense
CS3 OHMITE-CS3 Datasheet
328Kb / 2P
Wire Element Four Terminal Precision Current Sense
logo
Maxim Integrated Produc...
MAX40016EVKIT MAXIM-MAX40016EVKIT Datasheet
995Kb / 9P
Integrated Current Sense Element
Rev 0; 10/17
MAX40016 MAXIM-MAX40016 Datasheet
940Kb / 22P
4-Decade Current Sense Amplifier with Integrated Current Sense Element
2018
MAX9934 MAXIM-MAX9934_V01 Datasheet
861Kb / 19P
High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com