Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3813 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3813
Description  Precision Current Gauge IC with Ultra Low Loss Sense Element and PWM Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3813 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3813 Datasheet HTML 6Page - National Semiconductor (TI) LM3813 Datasheet HTML 7Page - National Semiconductor (TI) LM3813 Datasheet HTML 8Page - National Semiconductor (TI) LM3813 Datasheet HTML 9Page - National Semiconductor (TI) LM3813 Datasheet HTML 10Page - National Semiconductor (TI) LM3813 Datasheet HTML 11Page - National Semiconductor (TI) LM3813 Datasheet HTML 12Page - National Semiconductor (TI) LM3813 Datasheet HTML 13Page - National Semiconductor (TI) LM3813 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Product Operation
The current is sampled by the delta-sigma modulator, as il-
lustrated in
Figure 6. The pulse density output of the
delta-sigma modulator is digitally filtered. The digital output
is then compared to the output of a digital ramp generator.
This produces a PWM output. The duty cycle of the PWM
output is proportional to the amount of current flowing. A duty
cycle of 50% indicates zero current flow. If the current is flow-
ing in positive direction, the duty cycle will be greater than
50%. Conversely, the duty cycle will be less than 50% for
currents flowing in the negative direction. A duty cycle of
95.5% (4.5%) indicates the current is at I
MAX (−IMAX). The IC
can sense currents from −I
MAX to +IMAX. Options for IMAX are
1A or 10A. The sense current is given by:
I
SENSE = 2.2 (D−0.5)(IMAX)
where D is the duty cycle of the PWM waveform, and I
MAX is
the full scale current (1A or 10A). Similarly, the duty cycle is
given by:
D = [I
SENSE/(2.2 IMAX)] + 0.5
For quick reference, see the Conversion Tables in
Table 1
and
Table 2.
The user should note that, while the LM3812-7.0/
LM3813-7.0 will read 10A full scale, it is rated for 10A op-
eration for a duration of no more than 200 msec, and 7A
operation continuously.
In this IC, the current is averaged over 50 msec time slots.
Hence, momentary current surges of less than 50 msec are
tolerated.
This is a sampled data system which requires an
anti-aliasing filter, provided by the filter capacitor.
The delta-sigma modulator converts the sensed current to
the digital domain. This allows digital filtering, and provides
immunity to current and noise spikes. This type of filtering
would be difficult or impossible to accomplish on an IC with
analog components.
When ordering, the user has to specify whether the part is
being used for low-side or high-side sense. The user also
needs to specify the full scale value. See the Ordering Infor-
mation table for details.
DS100122-10
FIGURE 6. Functional block diagram of LM3812 and LM3813
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com