Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC144LC4 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC144LC4
Description  Point-to-Point Radios
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC144LC4 Datasheet(HTML) 4 Page - Analog Devices

  HMC144LC4 Datasheet HTML 1Page - Analog Devices HMC144LC4 Datasheet HTML 2Page - Analog Devices HMC144LC4 Datasheet HTML 3Page - Analog Devices HMC144LC4 Datasheet HTML 4Page - Analog Devices HMC144LC4 Datasheet HTML 5Page - Analog Devices HMC144LC4 Datasheet HTML 6Page - Analog Devices HMC144LC4 Datasheet HTML 7Page - Analog Devices HMC144LC4 Datasheet HTML 8Page - Analog Devices HMC144LC4 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
2
HMC144LC4
v03.0414
GaAs MMIC DOUBLE-BALANCED
MIXER, 6 - 20 GHz
Conversion Gain vs.
Temperature @ LO = +20 dBm
Isolation @ LO = +20 dBm
IF Bandwidth @ LO = +20 dBm
Return Loss @ LO = +20 dBm
Conversion Gain vs. LO Drive
Upconverter Performance
Conversion Gain @ LO = +20 dBm
-20
-15
-10
-5
0
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-40C
FREQUENCY (GHz)
-20
-15
-10
-5
0
4
6
8
10
12
14
16
18
20
22
LO = +13 dBm
LO = +15 dBm
LO = +17 dBm
LO = +20 dBm
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
4
6
8
10
12
14
16
18
20
22
RF to IF
LO to RF
LO to IF
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
012345
6
IF CONVERSION GAIN
IF RETURN LOSS
FREQUENCY (GHz)
-20
-15
-10
-5
0
4
6
8
10
12
14
16
18
20
22
FREQUENCY (GHz)
-20
-15
-10
-5
0
4
6
8
10
12
14
16
18
20
22
RF
LO
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com