Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC144LC4 Datasheet(PDF) 7 Page - Analog Devices

Part # HMC144LC4
Description  Point-to-Point Radios
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC144LC4 Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC144LC4 Datasheet HTML 2Page - Analog Devices HMC144LC4 Datasheet HTML 3Page - Analog Devices HMC144LC4 Datasheet HTML 4Page - Analog Devices HMC144LC4 Datasheet HTML 5Page - Analog Devices HMC144LC4 Datasheet HTML 6Page - Analog Devices HMC144LC4 Datasheet HTML 7Page - Analog Devices HMC144LC4 Datasheet HTML 8Page - Analog Devices HMC144LC4 Datasheet HTML 9Page - Analog Devices HMC144LC4 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
5
HMC144LC4
v03.0414
GaAs MMIC DOUBLE-BALANCED
MIXER, 6 - 20 GHz
Outline Drawing
NOTES:
1. PACKAGE BODY MATERIAL: ALUMINA
2. LEAD AND GROUND PADDLE PLATING: GOLD FLASH OVER Ni.
3. DIMENSIONS ARE IN INCHES [MILLIMETERS].
4. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm DATUM -C-
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED
TO PCB RF GROUND.
Package Information
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking [2]
HMC144LC4
Alumina, White
Gold over Nickel
MSL3
[1]
H144
XXXX
[1] Max peak reflow temperature of 260 °C
[2] 4-Digit lot number XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com