Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC144LC4 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC144LC4
Description  Point-to-Point Radios
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC144LC4 Datasheet(HTML) 3 Page - Analog Devices

  HMC144LC4 Datasheet HTML 1Page - Analog Devices HMC144LC4 Datasheet HTML 2Page - Analog Devices HMC144LC4 Datasheet HTML 3Page - Analog Devices HMC144LC4 Datasheet HTML 4Page - Analog Devices HMC144LC4 Datasheet HTML 5Page - Analog Devices HMC144LC4 Datasheet HTML 6Page - Analog Devices HMC144LC4 Datasheet HTML 7Page - Analog Devices HMC144LC4 Datasheet HTML 8Page - Analog Devices HMC144LC4 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC144LC4
v03.0414
GaAs MMIC DOUBLE-BALANCED
MIXER, 6 - 20 GHz
General Description
Features
Functional Diagram
The HMC144LC4 is a Double-Balanced MMIC
Mixer in a leadless “Pb free” SMT package which
can be used as an upconverter or downconverter
from 6 to 20 GHz. Broadband operation and 30 to
40 dB isolations are provided by on-chip baluns,
which require no external components or DC bias.
MMIC mixers are more reliable replacements to
hybrid diode mixers assuring consistent conversion
loss and isolation performance over high volume
production lots. The HMC144LC4 eliminates the
need for wire bonding, allowing use of surface mount
manufacturing techniques.
+23 dBm Input IP3
35 dB LO/RF Isolation
IF Bandwidth: DC to 3 GHz
RoHS Compliant 4x4 mm SMT Package
Electrical Specifications, T
A = +25° C
Typical Applications
The HMC144LC4 is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios & VSAT
• Test Equipment & Sensors
• Military End-Use
Parameter
IF = 100 MHz
LO = +20 dBm
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF & LO
6 - 12
12 - 20
GHz
Frequency Range, IF
DC - 3
DC - 3
GHz
Conversion Loss
9.5
11.5
11
13
dB
Noise Figure (SSB)
9.5
11.5
11
13
dB
LO to RF Isolation
25
35
25
35
dB
LO to IF Isolation
15
20
15
20
dB
RF to IF Isolation
15
25
15
25
dB
IP3 (Input)
23
23
dBm
1 dB Compression (Input)
12
15
12
15
dBm
* Unless otherwise noted, all measurements performed as downconverter, IF= 100 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com