Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS11024.3 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # CS11024.3
Description  CIT SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

CS11024.3 Datasheet(HTML) 1 Page - CIT Relay & Switch

  CS11024.3 Datasheet HTML 1Page - CIT Relay & Switch CS11024.3 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CIT SWITCH Website: www.citswitch.com
Tel: 763-535-2339 Fax: 763-535-2194
CIT SWITCH
TM
CS1102
SPECIFICATIONS
Electrical Ratings
50mA @ 48VDC
Electrical Life
100,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Actuation Force
100 +/- 50gF
160 +/- 30gF
260 +/- 50gF
Actuator Travel
.25 +/- .1mm
Dielectric Strength
1000Vrms min
Insulation Resistance
> 1000M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
Actuator
4/6 Nylon
Housing
4/6 Nylon
Cover
Stainless Steel
Contacts
Phosphor Bronze, Silver Plated
Terminals
Brass, Silver Plated
ORDERING INFORMATION
1. Series:
CS1102
CS1102
2. Actuator Length “L” (mm):
4.3
5.0
7.0
7.5
8.0
9.5
11.0
11.5
12.0
13.0
14.5
15.0
17.0
S2.8 = 2.8mm square head
11.0
3. Actuation Force:
F100 = 100gF
F160 = 160gF
F260 = 260gF
F260
4. Cap Options:
Blank = No Cap
C01
C02
C03
Cap Colors:
1 = White
2 = Black
9 = Gray
Part Number
“L” (mm)
Part Number
“L” (mm)
CS11024.3
4.3
CS110211.5
11.5
CS11025.0
5.0
CS110212.0
12.0
CS11027.0
7.0
CS110213.0
13.0
CS11027.5
7.5
CS110214.5
14.5
CS11028.0
8.0
CS110215.0
15.0
CS11029.5
9.5
CS110217.0
17.0
CS110211.0
11.0
CS1102S2.8
7.5


Similar Part No. - CS11024.3

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
CS110 CAMPBELL-CS110 Datasheet
641Kb / 2P
Electric Field Meter Sensor
12/12/2019
logo
List of Unclassifed Man...
CS1100 ETC-CS1100 Datasheet
169Kb / 2P
Powerline Networking Chipset
logo
Coilcraft lnc.
CS1100L COILCRAFT-CS1100L Datasheet
155Kb / 1P
Current SensorCurrent Sensor
CS1100L COILCRAFT-CS1100L Datasheet
297Kb / 1P
D1869L_15
logo
List of Unclassifed Man...
CS1101 ETC-CS1101 Datasheet
129Kb / 1P
CIT SWITCH
More results

Similar Description - CS11024.3

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com