Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPD55008 Datasheet(PDF) 7 Page - STMicroelectronics

Part # XPD55008
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XPD55008 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button XPD55008 Datasheet HTML 2Page - STMicroelectronics XPD55008 Datasheet HTML 3Page - STMicroelectronics XPD55008 Datasheet HTML 4Page - STMicroelectronics XPD55008 Datasheet HTML 5Page - STMicroelectronics XPD55008 Datasheet HTML 6Page - STMicroelectronics XPD55008 Datasheet HTML 7Page - STMicroelectronics XPD55008 Datasheet HTML 8Page - STMicroelectronics XPD55008 Datasheet HTML 9Page - STMicroelectronics XPD55008 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/10
PD55008 - PD55008S
TEST CIRCUIT SCHEMATIC
TEST CIRCUIT COMPONENT PART LIST
B1,B2
SHORT FERRITT BEAD, FAIR RITE
PRODUCTS (2743021446)
R4
33K
Ω, 1/8 W RESISTOR
C1,C12
240pF, 100 mil CHIP CAPACITOR
Z1
0.451” X 0.080” MICROSTRIP
C2,C3,C10,C11
0 to 20 pF TRIMMER CAPACITOR
Z2
1.005” X 0.080” MICROSTRIP
C4
82pF, 100 mil CHIP CAP
Z3
0.020” X 0.080” MICROSTRIP
C5,C16
120pF, 100 mil CHIP CAP
Z4
0.155” X 0.080” MICROSTRIP
C6,C13
10
µF, 50V ELECTROLYTIC
CAPACITOR
Z5,Z6
0.260” X 0.223” MICROSTRIP
C7,C14
1.200pF mil CHIP CAP
Z7
0.065” X 0.080” MICROSTRIP
C8,C15
0.1 F, 100 mil CHIP CAP
Z8
0.266” X 0.080” MICROSTRIP
C9
30pF, 100 mil CHIP CAP
Z9
1.113” X 0.080” MICROSTRIP
L1
55.5 nH, TURN, COILCRAFT
Z10
0.433” X 0.080” MICROSTRIP
N1,N2
TYPE N FLANGE MOUNT
BOARD
ROGER, ULTRA LAM 2000
R1
15
Ω, 0805 CHIP RESISTOR
THK 0.030”
ε
r = 2.55
R2
51
Ω, 1/2 W RESISTOR
2oz ED Cu 2 SIDES
R3
10
Ω, 0805 CHIP RESISTOR



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com