Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPD55008 Datasheet(PDF) 1 Page - STMicroelectronics

Part # XPD55008
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XPD55008 Datasheet(HTML) 1 Page - STMicroelectronics

  XPD55008 Datasheet HTML 1Page - STMicroelectronics XPD55008 Datasheet HTML 2Page - STMicroelectronics XPD55008 Datasheet HTML 3Page - STMicroelectronics XPD55008 Datasheet HTML 4Page - STMicroelectronics XPD55008 Datasheet HTML 5Page - STMicroelectronics XPD55008 Datasheet HTML 6Page - STMicroelectronics XPD55008 Datasheet HTML 7Page - STMicroelectronics XPD55008 Datasheet HTML 8Page - STMicroelectronics XPD55008 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
PRELIMINARY DATA
May 2000
PD55008 - PD55008S
RF POWER TRANSISTORS
The LdmoST Plastic FAMILY
N-CHANNEL ENHANCEMENT-MODE LATERAL
MOSFETs
• EXCELLENT THERMAL STABILITY
• COMMON SOURCE CONFIGURATION
• POUT = 8 W with 17 dB gain @ 500 MHz /
12.5V
• NEW RF PLASTIC PACKAGE
DESCRIPTION
The PD55008 is a common source N-Channel, en-
hancement-mode, lateral Field-Effect RF power
transistor. It is designed for high gain, broad band
commercial and industrial applications. It operates
at 12V in common source mode at frequencies of
up to 1GHz. PD55008 boasts the excellent gain,
linearity and reliability of ST’s latest LDMOS tech-
nology mounted in the first true SMD plastic RF
power package, PowerSO-10RF. PD55008’s su-
perior linearity performance makes it an ideal so-
lution for car mobile radio.
The PowerSO-10 plastic package, designed to of-
fer high reliability, is the first ST JEDEC approved,
high power SMD package. It has been specially
optimized for RF needs and offers excellent RF
performances and ease of assembly.
PowerSO-10RF
(Formed Lead)
ORDER CODE
BRANDING
XPD55008
PowerSO-10RF
(Straight Lead)
ORDER CODE
BRANDING
PD55008
PD55008S
XPD55008S
ABSOLUTE MAXIMUM RATINGS(TCASE =25 OC)
Symbol
Parameter
Value
Unit
V(BR)DSS
Drain Source Voltage
40
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current
4
A
PDISS
Power Dissipation (@ Tc = 70 0C)
52.8
W
Tj
Max. Operating Junction Temperature
165
OC
TSTG
Storage Temperature
-65 to 165
OC
THERMAL DATA
Rth(j-c)
Junction-Case Thermal Resistance
1.8
O
C/W


Similar Part No. - XPD55008

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
XPD55015 STMICROELECTRONICS-XPD55015 Datasheet
120Kb / 10P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
May-2000
XPD55015S STMICROELECTRONICS-XPD55015S Datasheet
120Kb / 10P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
May-2000
More results

Similar Description - XPD55008

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD55003 STMICROELECTRONICS-PD55003 Datasheet
309Kb / 19P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
21-Mar-2003
PD55003L STMICROELECTRONICS-PD55003L Datasheet
134Kb / 13P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
17-Jun-2003
PD55015-PD55015S STMICROELECTRONICS-PD55015-PD55015S Datasheet
120Kb / 10P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
May-2000
PD55025 STMICROELECTRONICS-PD55025 Datasheet
289Kb / 13P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
21-Mar-2003
PD55035 STMICROELECTRONICS-PD55035 Datasheet
181Kb / 14P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
21-Mar-2003
PD57002 STMICROELECTRONICS-PD57002 Datasheet
131Kb / 16P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
07-Mar-2003
PD57018 STMICROELECTRONICS-PD57018 Datasheet
47Kb / 4P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
Jun-2000
PD57030 STMICROELECTRONICS-PD57030 Datasheet
47Kb / 4P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
May-2000
PD54003L-E STMICROELECTRONICS-PD54003L-E Datasheet
143Kb / 13P
RF Power Transistors The LdmoST Plastic FAMILY
04-Jan-2006
PD54008L-E STMICROELECTRONICS-PD54008L-E Datasheet
215Kb / 15P
RF power transistors The LdmoST Plastic family
23-Jan-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com