Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPD55008 Datasheet(PDF) 3 Page - STMicroelectronics

Part # XPD55008
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XPD55008 Datasheet(HTML) 3 Page - STMicroelectronics

  XPD55008 Datasheet HTML 1Page - STMicroelectronics XPD55008 Datasheet HTML 2Page - STMicroelectronics XPD55008 Datasheet HTML 3Page - STMicroelectronics XPD55008 Datasheet HTML 4Page - STMicroelectronics XPD55008 Datasheet HTML 5Page - STMicroelectronics XPD55008 Datasheet HTML 6Page - STMicroelectronics XPD55008 Datasheet HTML 7Page - STMicroelectronics XPD55008 Datasheet HTML 8Page - STMicroelectronics XPD55008 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
PD55008 - PD55008S
Capacitance vs. Drain Voltage
0
5
10
15
20
25
VDD, DRAIN VOLTAGE (V)
1
10
100
1000
Ciss
Coss
Crss
f=1 MHz
Drain Current vs. Gate Voltage
123
456
78
9
VGS, GATE-SOURCE VOLTAGE (V )
0
1
2
3
4
5
6
7
8
VDS=10V
Gate-Source vs. Case Temperature
-25
0
25
50
75
100
Tc, CASE TEMPERATURE (
°C)
0.92
0.94
0.96
0.98
1
1.02
1.04
1.06
ID=.25A
ID =.5A
ID =1A
ID=2A
ID =1.5A
VDS=10V
TYPICAL PERFORMANCE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com