Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP30 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TP30
Description  TRISILTM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TP30 Datasheet(HTML) 2 Page - STMicroelectronics

  TP30 Datasheet HTML 1Page - STMicroelectronics TP30 Datasheet HTML 2Page - STMicroelectronics TP30 Datasheet HTML 3Page - STMicroelectronics TP30 Datasheet HTML 4Page - STMicroelectronics TP30 Datasheet HTML 5Page - STMicroelectronics TP30 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Symbol
Parameter
Value
Unit
Rth (j-l)
Junction to leads
60
°C/W
Rth (j-a)
Junction to ambient on printed circuit
with standard footprint dimension
100
°C/W
THERMAL RESISTANCES
Symbol
Parameter
VRM
Stand-off voltage
IRM
Leakage current at stand-off voltage
VR
Continuous Reverse voltage
VBR
Breakdown voltage
VBO
Breakover voltage
IH
Holding current
IBO
Breakover current
IPP
Peak pulse current
C
Capacitance
ELECTRICAL CHARACTERISTICS
(Tamb =25
°C)
Symbol
Parameter
Value
Unit
P
Power dissipation on infinite heatsink
Tamb =50
°C3
W
IPP
Peak pulse current
10/1000
µs
8/20
µs
30
60
A
ITSM
Non repetitive surge peak on-state current
tp = 20 ms
15
A
I
2tI2t value for fusing
tp = 20 ms
1
A
2s
dV/dt
Critical rate of rise of off-state voltage
VRM
5
kV/
µs
Tstg
Tj
Storage temperature range
Maximum junction temperature
- 55 to + 150
150
°C
°C
TL
Maximum lead temperaturefor solderingduring 10s at 5mm for case
230
°C
ABSOLUTE MAXIMUM RATINGS (Tamb =25
°C)
TP30-xxx Series
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com