Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP30 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TP30
Description  TRISILTM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TP30 Datasheet(HTML) 3 Page - STMicroelectronics

  TP30 Datasheet HTML 1Page - STMicroelectronics TP30 Datasheet HTML 2Page - STMicroelectronics TP30 Datasheet HTML 3Page - STMicroelectronics TP30 Datasheet HTML 4Page - STMicroelectronics TP30 Datasheet HTML 5Page - STMicroelectronics TP30 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Type
IRM @VRM
IR @VR
VBO @IBO
IH
C
max
max
note 1
max
note 2
min
note 3
typ
note 4
typ
note 5
µAV
µAV
V
mA
mA
pF
TP30-62
TP30-68
TP30-100
TP30-120
TP30-130
TP30-180
TP30-200
TP30-220
TP30-240
TP30-270
2
2
2
2
2
2
2
2
2
2
56
61
90
108
117
162
180
198
216
243
50
50
50
50
50
50
50
50
50
50
62
68
100
120
130
180
200
220
240
270
82
90
133
160
173
240
267
293
320
360
800
800
800
800
800
800
800
800
800
800
150
150
150
150
150
150
150
150
150
150
50
50
40
40
35
35
30
30
30
30
20
20
16
16
14
14
12
12
12
12
Note 1:
IR measured at VR guarantee VBRmin ≥ VR
Note 2:
Measured at 50 Hz (1 cycle) - See test circuit 1.
Note 3:
See test circuit 2.
Note 4:
VR = 1V, F = 1MHz.
Note 5:
VR = 50V, F = 1MHz.
TEST CIRCUIT 1 FOR IBO and VBO parameters:
static
relay.
R1
R2
240
140
D.U.T
V BO
measure
IBO
measure
tp = 20ms
K
Transformer
220V/800V
5A
Auto
Transformer
220V/2A
Vout
TEST PROCEDURE :
Pulse Test duration (tp = 20ms):
- For Bidirectional devices = Switch K is closed
- For Unidirectional devices = Switch K is open.
VOUT Selection
- Device with VBO
< 250 Volt
-VOUT = 250 VRMS,R1 = 140
Ω.
- Device with VBO
≥ 250 Volt
-VOUT = 480 VRMS,R2 = 240
Ω.
TP30-xxx Series
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com