Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP30 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TP30
Description  TRISILTM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TP30 Datasheet(HTML) 5 Page - STMicroelectronics

  TP30 Datasheet HTML 1Page - STMicroelectronics TP30 Datasheet HTML 2Page - STMicroelectronics TP30 Datasheet HTML 3Page - STMicroelectronics TP30 Datasheet HTML 4Page - STMicroelectronics TP30 Datasheet HTML 5Page - STMicroelectronics TP30 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
0
5
10
15
20
t(s)
ITSM(A)
F = 50Hz
Fig. 1: Non repetitive surge peak on-sate current
versus overload duration (Tj initial = 25
°C).
0123456789
10
1
2
5
10
20
50
VT(V)
IT(A)
Tj = 25
°C
Fig. 4: On-state voltage versus on-state current
(typical values).
-40
-20
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Tj(
°C)
IH[Tj] / IH[Tj=25
°C]
Fig. 2: Relative variation of holding current versus
junction temperature.
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2 5E+2
1E-1
1E+0
1E+1
1E+2
tp(s)
Zth(j-a)(
°CW)
Fig. 5: Variation of thermal impedance junction to
ambient versus pulse duration.
1
10
100
300
0.1
0.2
0.5
1.0
VR(V)
C[VR]/C[VR=1V]
F = 1MHz
Fig. 3: Relative variation of junction capacitance
versus reverse applied voltage (typical values).
Note: For VRM upper than 56V, the curve is extrapolated (dotted line)
-40
-20
0
20
40
60
80
100
0.90
0.95
1.00
1.05
1.10
Tj(
°C)
Vbo[Tj]/Vbo[Tj=25
°C]
62 V
270 V
Fig. 6: Relative variation of VBO voltage versus
junction temperature.
TP30-xxx Series
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com