Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC Datasheet(PDF) 1 Page - API Technologies Corp

Part # MPC
Description  61-MPC Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MPC Datasheet(HTML) 1 Page - API Technologies Corp

  MPC Datasheet HTML 1Page - API Technologies Corp MPC Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
120
100
80
60
40
20
0
30
40
50
60
70
80
90
Ambient Temperature (°C)
0
100
61-MPC Series
Common Mode
Normal Mode
50Ω
Level
Meter
50Ω
1
3
24
Filter
Oscillator
50Ω
50Ω
Level
Meter
50Ω
1
3
24
Filter
Oscillator
50Ω
61-MPC
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
61-MPC-010-1-11
61-MPC-036-1-11
61-MPC-025-1-11
61-MPC-016-1-11
Y Cap
2 X 3300pF
61-MPC
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
61-MPC-036-1-11
61-MPC-025-1-11
61-MPC-016-1-11
61-MPC-010-1-11
61-MPC
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
61-MPC-036-1-11
61-MPC-010-1-11
61-MPC-025-1-11
61-MPC-016-1-11
50Ω
Level
Meter
50Ω
1
3
24
Filter
Oscillator
50Ω
50Ω
Common
modewith
Ycap.
(Test circuit 1)
(Test circuit 2)
(Test circuit 3)
Temperature Characteristics
SM19
Miniature PCB Power Filters
MPC Series


Similar Part No. - MPC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
MPC DBLECTRO-MPC Datasheet
178Kb / 2P
Metallized Polyester Film Capacitor (Axial and Oval)
logo
Hammond Manufacturing L...
MPC HAMMOND-MPC Datasheet
60Kb / 1P
Plaque de recouvrement a aimant
logo
RUBYCON CORPORATION
MPC RUBYCON-MPC Datasheet
284Kb / 2P
POWER FILM CAPACITORS
logo
Neutrik AG
MPC NEUTRIK-MPC Datasheet
6Mb / 24P
Circular Connectors
2019/07-V20
logo
TE Connectivity Ltd
MPC TEC-MPC Datasheet
1Mb / 16P
Passive Components
August 2007
More results

Similar Description - MPC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MPC0730LR20C KEMET-MPC0730LR20C Datasheet
69Kb / 1P
Power, MPC, 200 nH, 25%
MPC0740LR42C KEMET-MPC0740LR42C Datasheet
69Kb / 1P
Power, MPC, 420 nH, 20%
MPC0750LR68C KEMET-MPC0750LR68C Datasheet
69Kb / 1P
Power, MPC, 680 nH, 20%
MPC1040LR45C KEMET-MPC1040LR45C Datasheet
68Kb / 1P
Power, MPC, 450 nH, 20%
MPC1040LR88C KEMET-MPC1040LR88C Datasheet
69Kb / 1P
Power, MPC, 880 nH, 20%
MPC1055LR36C KEMET-MPC1055LR36C Datasheet
69Kb / 1P
Power, MPC, 360 nH, 20%
MPC1250LR36C KEMET-MPC1250LR36C Datasheet
69Kb / 1P
Power, MPC, 360 nH, 20%
logo
Lapp.
55502460 LAPP-55502460 Datasheet
121Kb / 2P
SILVYN® MPC-M
03.07.2018
55502470 LAPP-55502470 Datasheet
123Kb / 2P
SILVYN® MPC
03.07.2018
55502486 LAPP-55502486 Datasheet
113Kb / 2P
SILVYN® MPC 90°
03.07.2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com