Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW451027T/HF Datasheet(PDF) 25 Page - STMicroelectronics

Part # STW451027T/HF
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW451027T/HF Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STW451027T/HF Datasheet HTML 21Page - STMicroelectronics STW451027T/HF Datasheet HTML 22Page - STMicroelectronics STW451027T/HF Datasheet HTML 23Page - STMicroelectronics STW451027T/HF Datasheet HTML 24Page - STMicroelectronics STW451027T/HF Datasheet HTML 25Page - STMicroelectronics STW451027T/HF Datasheet HTML 26Page - STMicroelectronics STW451027T/HF Datasheet HTML 27Page - STMicroelectronics STW451027T/HF Datasheet HTML 28Page - STMicroelectronics STW451027T/HF Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STw4510
Functional description
25/57
Power control register @ 06h
Address:
06h
Type:
R/W
Reset:
0000_1000
Description:
Address 1Fh
Address 1Eh
15
14
13
12
11
10
98765
43210
R/W
R/W
[15:10] Reserved
[4] en_vana1
0: Vana in power down mode (default)
1: Vana in high power mode
[3] en_vdig
0: Vdig in power down mode
1: Vdig in high power mode (default)
[2] Reserved
[0] EN
0: Read enabled (default)
1: Write enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com