Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW451027T/HF Datasheet(PDF) 29 Page - STMicroelectronics

Part # STW451027T/HF
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW451027T/HF Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STW451027T/HF Datasheet HTML 25Page - STMicroelectronics STW451027T/HF Datasheet HTML 26Page - STMicroelectronics STW451027T/HF Datasheet HTML 27Page - STMicroelectronics STW451027T/HF Datasheet HTML 28Page - STMicroelectronics STW451027T/HF Datasheet HTML 29Page - STMicroelectronics STW451027T/HF Datasheet HTML 30Page - STMicroelectronics STW451027T/HF Datasheet HTML 31Page - STMicroelectronics STW451027T/HF Datasheet HTML 32Page - STMicroelectronics STW451027T/HF Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STw4510
Functional description
29/57
Figure 8.
Block diagram of biasing and references of the device
3.3.1
Power supply domains
Table 13 lists the register bits and the signals that control the different STw4510 supply
domains for each supply.
Bandgap
All internal
references
Vref_18
All internal
biasing
Bias generator
Voltage reference control
Table 13.
Power supply domains
Supply
name
Description
Supply domains
HPM
Sleep
Power down
Vsdc1
Step-down
through vsdc1_prg[3:0] bits
then Vsdc1_sel[1:0] pads = 00
600 mA
No
Pwren signal
low (logical 0)
Vsdc2
Step-down
1.8 V
600 mA
10 mA
Pon signal (low
logical 0)
Vana1
LDO
1.5, 1.8, 2.5, 2.8 V
Vana1_sel[1:0] pads
150 mA
0.5 mA
pdn_vana1 bit,
or
en_vana1 bit
Vana2
LDO
1.8, 2.8, 3.0, 3.3V
Vana2_sel[1:0] pads
150 mA
pdn_vana2 bit,
or
en_vana2 bit
Vana3
LDO
1.8, 2.8, 3.0, 3.3V
Vana3_sel[1:0] pads
150 mA
pdn_vana3 bit,
or
en_vana3 bit
Vdig
LDO
1, 1.2, 1.5 V
Vdig_sel[1:0] pads
250 mA
No
en_vdig bit
Vmmc
LDO
1.8, 2.5, 2.85, 3 V
sel_vmmc[1:0] bits
150 mA
No
pdn_vmmc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com