Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW451027T/HF Datasheet(PDF) 36 Page - STMicroelectronics

Part # STW451027T/HF
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW451027T/HF Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STW451027T/HF Datasheet HTML 32Page - STMicroelectronics STW451027T/HF Datasheet HTML 33Page - STMicroelectronics STW451027T/HF Datasheet HTML 34Page - STMicroelectronics STW451027T/HF Datasheet HTML 35Page - STMicroelectronics STW451027T/HF Datasheet HTML 36Page - STMicroelectronics STW451027T/HF Datasheet HTML 37Page - STMicroelectronics STW451027T/HF Datasheet HTML 38Page - STMicroelectronics STW451027T/HF Datasheet HTML 39Page - STMicroelectronics STW451027T/HF Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical and timing characteristics
STw4510
36/57
4.2
Power supply
Note:
STw4510 sleep mode is only active with the presence of the 32 kHz clock on pin Clk32_in
and
STw4510 has different ways to go in sleep mode.
In all the following tables:
●
High power mode is defined as “SLEEP = ‘0’”,
●
“Sleep mode” is defined as “SLEEP = ‘1’
4.2.1
Operating conditions
4.2.2
Vref18
Table 16.
Operating conditions
Symbol
Description
Test conditions
Min.
Typ.
Max.
Units
VBAT
Power supply
2.7
5.5
V
IQSLEEP
Quiescent current
Sleep mode
170
250
µA
IQSTDBY
Off mode (T = 25°C)
5
µA
Table 17.
Vref18
Symbol
Description
Test conditions
Min.
Typ.
Max.
Units
VBAT
Supply voltage
2.7
5.5
V
VREF_18
Output voltage
1.78
1.8
1.84
V
PSRR
Power supply rejection
ratio
f
≤100 kHz
60
dB
Noise
100Hz
≤f ≤100 kHz
30
µV
tS
Settling time(1)
7.8
10
ms
1.
Delay until Pon rises at high level and 1.8 V is available on Vref18 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com