Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPer100SP Datasheet(PDF) 17 Page - STMicroelectronics

Part # VIPer100SP
Description  SMPS PRIMARY I.C.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPer100SP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VIPer100SP Datasheet HTML 13Page - STMicroelectronics VIPer100SP Datasheet HTML 14Page - STMicroelectronics VIPer100SP Datasheet HTML 15Page - STMicroelectronics VIPer100SP Datasheet HTML 16Page - STMicroelectronics VIPer100SP Datasheet HTML 17Page - STMicroelectronics VIPer100SP Datasheet HTML 18Page - STMicroelectronics VIPer100SP Datasheet HTML 19Page - STMicroelectronics VIPer100SP Datasheet HTML 20Page - STMicroelectronics VIPer100SP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17/23
VIPer100/SP - VIPer100A/ASP
1
Figure 23: Recommended Layout
LAYOUT CONSIDERATIONS
Some simple rules insure a correct running of
switching power supplies. They may be classified
into two categories:
- To minimise power loops: the way the switched
power current must be carefully analysed and
the corresponding paths must present the
smallest inner loop area as possible. This
avoids radiated EMC noises, conducted EMC
noises by magnetic coupling, and provides a
better
efficiency
by
eliminating
parasitic
inductances, especially on secondary side.
- To use different tracks for low level signals and
power ones. The interferences due to a mixing
of signal and power may result in instabilities
and/or anomalous behaviour of the device in
case of violent power surge (Input overvoltages,
output short circuits...).
In case of VIPer, these rules apply as shown on
figure 23. The loops C1-T1-U1, C5-D2-T1, C7-D1-
T1 must be minimised. C6 must be as close as
possible from T1. The signal components C2,
ISO1, C3 and C4 are using a dedicated track to be
connected directly to the source of the device.
T1
U1
VIPerXX0
13V
OSC
COMP
SOURCE
DRAIN
VDD
-
+
C4
C2
C5
C1
D2
R1
R2
D1
C7
C6
C3
ISO1
A…‚€Ãvƒˆ‡
qv‚qr†Ãi…vqtr
U‚Ærp‚qh…’
svy‡r…vtÃhqÃy‚hq
FC00500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com