Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPer100SP Datasheet(PDF) 3 Page - STMicroelectronics

Part # VIPer100SP
Description  SMPS PRIMARY I.C.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPer100SP Datasheet(HTML) 3 Page - STMicroelectronics

  VIPer100SP Datasheet HTML 1Page - STMicroelectronics VIPer100SP Datasheet HTML 2Page - STMicroelectronics VIPer100SP Datasheet HTML 3Page - STMicroelectronics VIPer100SP Datasheet HTML 4Page - STMicroelectronics VIPer100SP Datasheet HTML 5Page - STMicroelectronics VIPer100SP Datasheet HTML 6Page - STMicroelectronics VIPer100SP Datasheet HTML 7Page - STMicroelectronics VIPer100SP Datasheet HTML 8Page - STMicroelectronics VIPer100SP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
VIPer100/SP - VIPer100A/ASP
3/23
ORDERING NUMBERS
PINS FUNCTIONAL DESCRIPTION
DRAIN PIN:
Integrated Power MOSFET drain pin. It provides
internal bias current during start-up via an
integrated high voltage current source which is
switched off during normal operation. The device
is able to handle an unclamped current during its
normal operation, assuring self protection against
voltage surges, PCB stray inductance, and
allowing a snubberless operation for low output
power.
SOURCE Pin:
Power MOSFET source pin. Primary side circuit
common ground connection.
VDD Pin:
This pin provides two functions :
- It corresponds to the low voltage supply of the
control part of the circuit. If VDD goes below 8V,
the start-up current source is activated and the
output power MOSFET is switched off until the
VDD voltage reaches 11V. During this phase,
the internal current consumption is reduced,
the VDD pin is sourcing a current of about 2mA
and the COMP pin is shorted to ground. After
that, the current source is shut down, and the
device tries to start up by switching again.
- This pin is also connected to the error amplifier,
in order to allow primary as well as secondary
regulation configurations. In case of primary
regulation, an internal 13V trimmed reference
voltage is used to maintain VDD at 13V. For
secondary regulation, a voltage between 8.5V
and 12.5V will be put on VDD pin by transformer
design, in order to stuck the output of the
transconductance amplifier to the high state.
The COMP pin behaves as a constant current
source, and can easily be connected to the
output of an optocoupler. Note that any
overvoltage due to regulation loop failure is still
detected by the error amplifier through the VDD
voltage, which cannot overpass 13V. The
output voltage will be somewhat higher than the
nominal one, but still under control.
COMP PIN:
This pin provides two functions :
- It is the output of the error transconductance
amplifier, and allows for the connection of a
compensation network to provide the desired
transfer function of the regulation loop. Its
bandwidth can be easily adjusted to the
needed value with usual components value. As
stated
above,
secondary
regulation
configurations are also implemented through
the COMP pin.
- When the COMP voltage is going below 0.5V,
the shut-down of the circuit occurs, with a zero
duty cycle for the power MOSFET. This feature
can be used to switch off the converter, and is
automatically activated by the regulation loop
(whatever is the configuration) to provide a
burst mode operation in case of negligible
output power or open load condition.
OSC PIN:
An Rt-Ct network must be connected on that pin to
define the switching frequency. Note that despite
the connection of Rt to VDD, no significant
frequency change occurs for VDD varying from 8V
to 15V. It provides also a synchronisation
capability,
when
connected
to
an
external
frequency source.
PENTAWATT HV
PENTAWATT HV (022Y)
PowerSO-10™
VIPer100
VIPer100A
VIPer100 (022Y)
VIPer100A (022Y)
VIPer100SP
VIPer100ASP
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com