Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPer100SP Datasheet(PDF) 4 Page - STMicroelectronics

Part # VIPer100SP
Description  SMPS PRIMARY I.C.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPer100SP Datasheet(HTML) 4 Page - STMicroelectronics

  VIPer100SP Datasheet HTML 1Page - STMicroelectronics VIPer100SP Datasheet HTML 2Page - STMicroelectronics VIPer100SP Datasheet HTML 3Page - STMicroelectronics VIPer100SP Datasheet HTML 4Page - STMicroelectronics VIPer100SP Datasheet HTML 5Page - STMicroelectronics VIPer100SP Datasheet HTML 6Page - STMicroelectronics VIPer100SP Datasheet HTML 7Page - STMicroelectronics VIPer100SP Datasheet HTML 8Page - STMicroelectronics VIPer100SP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4/23
VIPer100/SP - VIPer100A/ASP
AVALANCHE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (Tj=25°C; VDD=13V, unless otherwise specified)
POWER SECTION
(1) On Inductive Load, Clamped.
SUPPLY SECTION
Symbol
Parameter
Max Value
Unit
ID(AR)
Avalanche Current, Repetitive or Not Repetitive
(pulse widht limited by Tj max; δ < 1%)
for VIPer100/SP
for VIPer100A/ASP
(see fig.12)
2
1.4
A
A
E(AR)
Single Pulse Avalanche Energy
(starting Tj =25ºC, ID=ID(ar))
(see fig.12)
60
mJ
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
BVDSS
Drain-Source Voltage
ID=1mA; VCOMP=0V
for VIPer100/SP
for VIPer100A/ASP (see fig.5)
620
700
V
V
IDSS
Off-State Drain Current
VCOMP=0V; Tj=125°C
VDS=620V for VIPer100/SP
VDS=700V for VIPer100A/ASP
1
1
mA
mA
RDS(on)
Static Drain-Source
On Resistance
ID=2A
for VIPer100/SP
for VIPer100A/ASP
ID=2A; Tj=100°C
for VIPer100/SP
for VIPer100A/ASP
2.0
2.3
2.5
2.8
4.5
5.0
Ω
Ω
Ω
Ω
tf
Fall Time
ID=0.2A; VIN=300V (1)
(See fig. 3)
100
ns
tr
Rise Time
ID=0.4A; VIN=300V (1)
(See fig. 3)
50
ns
Coss
Output Capacitance
VDS=25V
150
pF
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IDDch
Start-Up Charging
Current
VDD=5V; VDS=35V
(see fig. 2 and fig. 15)
-2
mA
IDD0
Operating Supply Current VDD=12V; FSW=0kHz
(see fig. 2)
12
16
mA
IDD1
Operating Supply Current VDD=12V; Fsw=100kHz
15.5
mA
IDD2
Operating Supply Current VDD=12V; Fsw=200kHz
19
mA
VDDoff
Undervoltage Shutdown
(See fig. 2)
7.5
8
9
V
VDDon
Undervoltage Reset
(See fig. 2)
11
12
V
VDDhyst
Hysteresis Start-up
(See fig. 2)
2.4
3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com