Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL260L Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HCPL260L
Description  High Speed LVTTL Compatible 3.3 Volt Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL260L Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL260L Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
6 − 107
Small Outline SO-8 Package
Solder Reflow Temperature Profile
(Surface Mount Option Parts)
Regulatory Information
The HCPL-260L/060L/263L/063L
are pending by the following
organizations:
UL
Approval (pending) under UL
1577, Component Recognition
Program, File E55361.
CSA
Approval (pending) under CSA
Component Acceptance Notice
#5, File CA 88324.
VDE
Approval (pending) according to
VDE 0884/06.92.
XXX
YWW
8765
4
3
2
5.994
± 0.203
(0.236
± 0.008)
3.937
± 0.127
(0.155
± 0.005)
0.406
± 0.076
(0.016
± 0.003)
1.270
(0.050)
BSG
5.080
± 0.127
(0.200
± 0.005)
3.175
± 0.127
(0.125
± 0.005)
1.524
(0.060)
45
° X
0.432
(0.017)
0.228
± 0.025
(0.009
± 0.001)
TYPE NUMBER
(LAST 3 DIGITS)
DATE CODE
0.305
(0.012)
MIN.
TOTAL PACKAGE LENGTH (INCLUSIVE OF MOLD FLASH)
5.207
± 0.254 (0.205 ± 0.010)
DIMENSIONS IN MILLIMETERS (INCHES).
LEAD COPLANARITY = 0.10 mm (0.004 INCHES) MAX.
0.203
± 0.102
(0.008
± 0.004)
7
°
PIN ONE
0 ~ 7
°
*
*
240
∆T = 115°C, 0.3°C/SEC
0
∆T = 100°C, 1.5°C/SEC
∆T = 145°C, 1°C/SEC
TIME – MINUTES
220
200
180
160
140
120
100
80
60
40
20
0
260
12
3
456789
10
11
12
NOTE: USE OF NON-CHLORINE ACTIVATED FLUXES IS HIGHLY RECOMMENDED.
1
6章104-117(PDF用)
01.5.24, 4:23 PM
Page 107
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com