Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL260L Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL260L
Description  High Speed LVTTL Compatible 3.3 Volt Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL260L Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL260L Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
6 − 111
Switching Specifications
Over Recommended Temperature (TA = –40˚C to +85˚C), VCC = 3.3 V, IF = 7.5 mA unless otherwise specified. All Typicals
at TA = 25˚C, VCC = 3.3 V.
Parameter
Sym.
Package** Min. Typ.
Max. Units
Test Conditions
Fig.
Note
Propagation Delay
tPLH
90
ns
TA = 25˚CRL = 350
Ω
6, 7, 8 1, 6, 15
Time to High Output
CL = 15 pF
Level
Propagation Delay
tPHL
75
ns
1, 7, 15
Time to Low Output
Level
Pulse Width
|tPHL – tPLH| 8-Pin DIP
25
ns
8
9, 15
Distortion
SO-8
Propagation Delay
tPSK
40
ns
8, 9, 15
Skew
Output Rise Time
tr
45
ns
1, 15
(10-90%)
Output Fall Time
tf
20
ns
1, 15
(90-10%)
Propagation Delay
tELH
45
ns
RL = 350
Ω,9
10
Time of Enable from
CL = 15 pF,
VEH tp VEL
VEL = 0 V, VEH = 3 V
Propagation Delay
tEHL
30
ns
11
Time of Enable from
VEL to VEH
*JEDEC registered data for the 6N137.
**Ratings apply to all devices except otherwise noted in the Package column.
Parameter
Sym.
Device
Min.
Typ.
Units Test Conditions
Fig.
Note
Logic High
|CMH|
HCPL-263L 15,000 25,000 V/
µs|VCM| = 10 V
VCC = 3.3 V, IF = 0 mA,
11
12, 14, 15
Common
HCPL-063L
VO(MIN) = 2 V,
Mode
RL = 350
Ω, TA = 25˚C
Transient
HCPL-260L 15,000 25,000
|VCM| = 50 V
Immunity
HCPL-060L
Logic Low
|CML|
HCPL-263L 15,000 25,000 V/
µs|VCM| = 10 V
VCC = 3.3 V, IF = 7.5 mA,
11
13, 14, 15
Common
HCPL-063L
VO(MAX) = 0.8 V,
Mode
RL = 350
Ω, TA = 25˚C
Transient
HCPL-260L 15,00 25,000
| = 50 V
Immunity
HCPL-060L
|VCM
6章104-117(PDF用)
01.5.24, 4:23 PM
Page 111
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com