Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL260L Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HCPL260L
Description  High Speed LVTTL Compatible 3.3 Volt Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL260L Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL260L Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
6 − 113
Figure 1. Typical high level output current vs.
temperature.
Figure 2. Typical input threshold current vs.
temperature.
Figure 3. Typical low level output voltage vs.
temperature.
Figure 5. Typical input diode forward
characteristic.
Figure 4. Typical low level output current vs.
temperature.
Figure 6. Test circuit for tPHL and tPLH.
-60
0
TA – TEMPERATURE – °C
100
10
15
-20
5
20
VCC = 3.3 V
VO = 3.3 V
VE = 2.0 V*
IF = 250 µA
60
-40
0
40
80
* FOR SINGLE
CHANNEL
PRODUCTS
ONLY
OUTPUT VO
MONITORING
NODE
3.3 V
7
5
6
8
2
3
4
1
PULSE GEN.
Z
= 50
Ω
t = t = 5 ns
O
f
IF
RL
RM
VCC
0.1 F
BYPASS
*CL
GND
INPUT
MONITORING
NODE
r
SINGLE CHANNEL
OUTPUT VO
MONITORING
NODE
3.3 V
7
5
6
8
2
3
4
1
PULSE GEN.
ZO = 50 Ω
tf = tr = 5 ns
IF
RL
RM
VCC
0.1 F
BYPASS
CL*
GND
INPUT
MONITORING
NODE
DUAL CHANNEL
*CL IS APPROXIMATELY 15 pF WHICH INCLUDES
PROBE AND STRAY WIRING CAPACITANCE.
1.5 V
tPHL
tPLH
IF
INPUT
VO
OUTPUT
IF = 7.50 mA
IF = 3.75 mA
1.1
0.001
VF – FORWARD VOLTAGE – V
1.0
1000
1.3
0.01
1.5
1.2
1.4
0.1
TA = 25 °C
10
100
8-PIN DIP, SO-8
IF
+
–
VF
1.6
0.8
0.4
-60
-20
20
60
100
TA – TEMPERATURE – °C
0.2
80
40
0
-40
0
IO = 13 mA
0.1
0.5
0.7
8-PIN DIP, SO-8
VCC = 3.3 V
VE = 2.0 V*
IF = 5.0 mA
0.3
0.6
* FOR SINGLE
CHANNEL
PRODUCTS ONLY
VCC = 3.3 V
VE = 2.0 V*
VOL = 0.6 V
70
60
-60
-20
20
60
100
TA – TEMPERATURE – °C
50
80
40
0
-40
20
40
IF = 5.0 mA
* FOR SINGLE
CHANNEL
PRODUCTS ONLY
VCC = 3.3 V
VO = 0.6 V
12
6
-60
-20
20
60
100
TA – TEMPERATURE – °C
4
80
40
0
-40
0
RL = 350 Ω
2
8
10
RL = 1 KΩ
RL = 4 KΩ
8-PIN DIP, SO-8
6章104-117(PDF用)
01.5.24, 4:23 PM
Page 113
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com