Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF6 Datasheet(PDF) 1 Page - Hirose Electric

Part # DF6
Description  3.96mm Pitch Connector Directly Mounted on Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF6 Datasheet(HTML) 1 Page - Hirose Electric

  DF6 Datasheet HTML 1Page - Hirose Electric DF6 Datasheet HTML 2Page - Hirose Electric DF6 Datasheet HTML 3Page - Hirose Electric DF6 Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
B129
3.96mm Pitch Connector Directly Mounted on Board
DF6 Series
■Features
1. Service Efficiency Up
Conventional thick cables are directly mounted on the
board piece by piece, but connecterization has achieved
soldering services in a batch. This product enhances
soldering service efficiency.
2. Miniaturization
This product achieves miniaturization for thick cables.
Mounting height on board
:
7.5mm
Width
:
5.0mm
3. Board Prefixed Mechanism
Since the connector is softly press-fitted to the board for
insertion, it can be prefixed to the board.
■Applications
Secondary power supply units for various equipment
Prefixed mechanism
Height: 7.5mm
width: 4.6mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF6

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF6-10P-3.96C HIROSE-DF6-10P-3.96C Datasheet
139Kb / 4P
3.96mm Pitch Connector Directly Mounted on Board
DF6-1822PC HIROSE-DF6-1822PC Datasheet
139Kb / 4P
3.96mm Pitch Connector Directly Mounted on Board
DF6-1822PCF HIROSE-DF6-1822PCF Datasheet
139Kb / 4P
3.96mm Pitch Connector Directly Mounted on Board
DF6-1P-3.96C HIROSE-DF6-1P-3.96C Datasheet
139Kb / 4P
3.96mm Pitch Connector Directly Mounted on Board
DF6-2P-3.96C HIROSE-DF6-2P-3.96C Datasheet
139Kb / 4P
3.96mm Pitch Connector Directly Mounted on Board
More results

Similar Description - DF6

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF4-2P-2C HIROSE-DF4-2P-2C Datasheet
236Kb / 7P
2mm Pitch Connector Directly Mounted on Board
DF6-1P-3.96C HIROSE-DF6-1P-3.96C Datasheet
139Kb / 4P
3.96mm Pitch Connector Directly Mounted on Board
HIF2C-10DT-1.27R HIROSE-HIF2C-10DT-1.27R Datasheet
134Kb / 4P
Staggered Connector Directly Mounted on Board
HIF2E-10D-2.54RB HIROSE-HIF2E-10D-2.54RB Datasheet
127Kb / 4P
2.54mm Connector Directly Mounted on Board
HIF12-040DT-1.27R HIROSE-HIF12-040DT-1.27R Datasheet
275Kb / 8P
1.27mm Pitch Connector Directly Mounted on Board
MDF12-1822PCF HIROSE-MDF12-1822PCF Datasheet
111Kb / 4P
Crimping Contact Directly Mounted on Board
DF4-2P-2C HIROSE-DF4-2P-2C_1 Datasheet
141Kb / 5P
2mm Pitch Connector Directly Mounted on Board
DF4-2428PC05 HIROSE-DF4-2428PC05 Datasheet
141Kb / 5P
2mm Pitch Connector Directly Mounted on Board
DF4 HIROSE-DF4 Datasheet
148Kb / 5P
2mm Pitch Connector Directly Mounted on Board
HIF2E HIROSE-HIF2E Datasheet
131Kb / 4P
2.54mm Connectors Directly Mounted on Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com