Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF6 Datasheet(PDF) 4 Page - Hirose Electric

Part # DF6
Description  3.96mm Pitch Connector Directly Mounted on Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF6 Datasheet(HTML) 4 Page - Hirose Electric

  DF6 Datasheet HTML 1Page - Hirose Electric DF6 Datasheet HTML 2Page - Hirose Electric DF6 Datasheet HTML 3Page - Hirose Electric DF6 Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
B132
DF6 Series
3.96mm Pitch Connector Directly Mounted on Board
BPrecautions
1.Recommended soldering
condition
2.Cleaning condition
3.Connecting condition
4.Precations
Flow: 250ç for 3 seconds
Manual soldering: 290ç for 2 seconds
■After soldering, if a load is given to the cable where connector and cable contain heat, the jacket holding
member will be loosened. After soldering, the operation should be performed, after connector returns to room
temperature.
Refer to the "Nylon Connector Use Hand book".
Don't use solvent to degrade the cable jacket like trichloroethane.
In addition, avoid heat cleaning with solvent.
Refer to the "Nylon Connector Use Hand book".
Slight discoloration on the insulating materials will not affect form, fit or function of the connectors.
Refer to "Nylon Connector Use Handbook"
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com