Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF6 Datasheet(PDF) 2 Page - Hirose Electric

Part # DF6
Description  3.96mm Pitch Connector Directly Mounted on Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF6 Datasheet(HTML) 2 Page - Hirose Electric

  DF6 Datasheet HTML 1Page - Hirose Electric DF6 Datasheet HTML 2Page - Hirose Electric DF6 Datasheet HTML 3Page - Hirose Electric DF6 Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
B130
DF6 Series
3.96mm Pitch Connector Directly Mounted on Board
■Product Specifications
Rating
Current rating
(Note 1)
Voltage rating
AWG 18 :
5A
Cable size
AWG 20 :
4A
AWG 22 :
3A
300V AC
Operating Temperature Range
Operating Moisture Range
Storage Temperature Range
Storage Humidity Range
-35 to +85ç (Note 1)
40 to 80%
-10 to +60ç (Note 2)
40 to 70% (Note 2)
Note 1: The rated current will be changed according to cable sizes for use.
Note 2: Includes temperature rise caused by current flow.
Note 3: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
Note 4: Information contained in this catalog represents general requirements for this Series.Contact us for the drawings and specifications for
a specific part number shown.
Item
Specification
Condition
1.Insulation Resistance
1000M ohms min.
500V DC
2.Withstanding voltage
No flashover or insulation breakdown.
1500V AC/1 minute
3.Contact Resistance
15m ohms max.
100mA
4.Vibration
No damage, cracks, or parts looseness.
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
5.Humidity (Steady state) No damage, cracks, or parts looseness.
96 hours at temperature of 40ç and humidity of 90% to 95%
6.Temperature Cycle
No damage, cracks, or parts looseness.
(-55ç: 30 minutes
➝15 to 35ç: 10 minutes➝85ç: 30 minutes➝ 5 to 35ç: 10 minutes ) 5 cycles
7. Resistance to Soldering heat No deformation of components affecting performance.
Flow: 250ç for 10 seconds
Manual soldering: 300ç for 3 seconds
■Material
Product
Part
Material
Finish
Remarks
Crimping Plug
Insulator
Polyamide
White
UL94V-0
Crimping Contact for Plug
Brass
Copper Alley
Tin plated
________
■Ordering Information
DF6
- * P - 3.96 C
qe
wr
t
r Contact pitch: 3.96mm
t C: Crimping plug
q Series Name
: DF 6
w Number of contacts: 1~8, 10
e Connector type
P: Plug
●Crimping Plug
DF6A - 1822 PCF
qw
e
e Packaging type
PCF: Plug contact, reel packaging
SC: Plug contact, bag packaging
q Applicable cable type
None : Jacket dia. 1.5mm to 2.2mm
UL 1007
A
: Jacket dia. 2.2mm to 2.9mm
UL 1015
w Applicable cable size
1822 : AWG#18~#22
●Crimping Contact
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com