Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF19 Datasheet(PDF) 10 Page - Hirose Electric

Part # DF19
Description  1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF19 Datasheet(HTML) 10 Page - Hirose Electric

Back Button DF19 Datasheet HTML 5Page - Hirose Electric DF19 Datasheet HTML 6Page - Hirose Electric DF19 Datasheet HTML 7Page - Hirose Electric DF19 Datasheet HTML 8Page - Hirose Electric DF19 Datasheet HTML 9Page - Hirose Electric DF19 Datasheet HTML 10Page - Hirose Electric DF19 Datasheet HTML 11Page - Hirose Electric DF19 Datasheet HTML 12Page - Hirose Electric DF19 Datasheet HTML 13Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
B262
DF19 Series
●1mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
●Applicable cable (Micro-coaxial cable)
Part No.
No. of contacts
A
B
C
D
RoHS
HRS No.
14
20
17.4
23.4
13
19
14.8
20.8
13
19
YES
685-0026-3 05
685-0025-0 05
Wire size (stranded wire center conductor)
Jacket diameter
40 AWG (7/ 0.03mm)
0.3mm to 0.4mm
Part No.
No. of contacts
HRS No.
DF19G-14S-1SD-GND
DF19G-20S-1SD-GND
14
20
A
RoHS
17.5
23.5
YES
685-0028-9
685-0027-6
Note : Order by number of bags.
■Plug (Micro-coaxial cable)
Shown terminated with micro-coaxial cable
■Grounding plate for micro-coaxial cable
Contact No. 1 indicator
A
B
P=1
1.33
D±0.15
C±0.2
0.55
0
-0.05
Inner conductor
Insulator
Outer conductor
Jacket
Cable preparation
Grounding bar
P=1±0.1
Contact No. 1 indicator
A
Note 1 : Connectors are designed to allow termination without cutting
of the pitch loss prevention tape.
Note 2 : Required Solder coating for inner conductor.
Note 3 : When using 2-conductor micro-coaxial cable some contact
positions will not be used.
Contact your Hirose sales representative.
DF19G-14S-1SD(05)
DF19G-20S-1SD(05)
Specification
(05) : Bag packaging
(100 pcs/pack)
Specification
Blank : Bag packaging
(100 pcs/pack)
Unit : mm
B253-265 DF19 16.5.25 15:42 ページ B262



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com