Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF19 Datasheet(PDF) 11 Page - Hirose Electric

Part # DF19
Description  1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF19 Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF19 Datasheet HTML 5Page - Hirose Electric DF19 Datasheet HTML 6Page - Hirose Electric DF19 Datasheet HTML 7Page - Hirose Electric DF19 Datasheet HTML 8Page - Hirose Electric DF19 Datasheet HTML 9Page - Hirose Electric DF19 Datasheet HTML 10Page - Hirose Electric DF19 Datasheet HTML 11Page - Hirose Electric DF19 Datasheet HTML 12Page - Hirose Electric DF19 Datasheet HTML 13Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
B263
DF19 Series
●1mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
BEmbossed Carrier Tape Dimensions Receptacles
●DF19G-*P-1H(54)
●DF19K-*P-1H(54)
●DF19L -*P-1H(54)
Ø13
t=0.3±±0.1
H
G-G
H-H
G
Unreeling direction
1.75±0.15
12±0.1
4±0.1
2±0.1
H
G
2.5±0.15
F
2±0.5
Part number label
Depth of 1.5
diameter
7.8±0.3
E
Ø1.5
+2
0
+0.1
0
●DF19KR-*P-1H(54)
t=0.3±0.1
2.85±0.15
Ø13
G-G
1.75±0.15
12±0.1
7.8±0.3
H-H
F
2±0.5
Part number label
G
G
H
H
E
Ø1.5
Unreeling direction
Ø1.5 in the rear
+2
0
+0.1
0
Connector
No. of contacts
A
B
C
D
E
F
Remarks
DF19G-18P-1H(54)
DF19G-14P-1H(54)
DF19G-20P-1H(54)
DF19G-30P-1H(54)
DF19K-20P-1H(54)
DF19K-30P-1H(54)
DF19L-14P-1H(54)
DF19L-20P-1H(54)
DF19L-30P-1H(54)
08
14
20
30
20
30
14
20
30
24
44
44
56
44
56
44
44
56
--------
40.4
40.4
50.2
40.4
52.4
40.4
40.4
52.4
11.5
20.2
20.2
26.2
20.2
26.2
20.2
20.2
26.2
16.1
22.1
28.1
38.1
28.1
38.1
22.1
28.1
38.1
24.4
44.4
44.4
56.4
44.4
56.4
44.4
44.4
56.4
30.4
50.4
50.4
62.4
50.4
62.4
50.4
50.4
62.4
Top-board mounting
(1.65mm high)
Offset mounting
(1.0mm high)
Offset mounting
(1.1mm high)
Unit : mm
●DF19-*P-1V(56)
3.7±0.2
Ø13
t=0.4±0.1
12±0.1
2±0.1
4±0.1
Unreeling direction
G
G
H
H
Part number label
2±0.5
E
F
Depth of 1.5
diameter
+2
+0
Connector
No. of contacts
A
B
C
D
E
F
Remarks
14
20
44
44
40.4
40.4
20.2
20.2
22.1
28.1
44.4
44.4
50.4
50.4
Reverse type of DF19K
Offset mounting (1.0mm high)
Unit : mm
DF19KR-14P-1H(54)
DF19KR-20P-1H(54)
Connector
No. of contacts
A
B
C
D
E
F
Remarks
14
20
32
44
28.4
40.4
14.2
20.2
18.2
24.2
32.4
44.4
38.4
50.4
Vertical receptacle
Unit : mm
DF19-14P-1V(56)
DF19-20P-1H(56)
B253-265 DF19 16.5.25 15:42 ページ B263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com