Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF19 Datasheet(PDF) 13 Page - Hirose Electric

Part # DF19
Description  1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF19 Datasheet(HTML) 13 Page - Hirose Electric

Back Button DF19 Datasheet HTML 5Page - Hirose Electric DF19 Datasheet HTML 6Page - Hirose Electric DF19 Datasheet HTML 7Page - Hirose Electric DF19 Datasheet HTML 8Page - Hirose Electric DF19 Datasheet HTML 9Page - Hirose Electric DF19 Datasheet HTML 10Page - Hirose Electric DF19 Datasheet HTML 11Page - Hirose Electric DF19 Datasheet HTML 12Page - Hirose Electric DF19 Datasheet HTML 13Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
B265
DF19 Series
●1mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
BPlug (FPC Type) Termination Procedures
(Dedicated Assembly Tooling is required.)
Assembly point: Slightly raise the FPC to an angle of about 30 degrees,
and then insert the grounding plate over the socket.
Insert the FPC diagonally from the top surface of the grounding plate.
Pass the FPC through the grounding plate.
After passing through, lower the FPC (as shown) to horizontal position.
Extend the FPC out and fully insert into the socket.
Exercising caution slide the grounding plate forward and pre-insert it over the socket.
Using the dedicated installation tool, insert the grounding plate.
Step 1
Step 2
Step 4
Step 3
Final
completion
Signal surface
Ground surface
SIGNAL
Note 7 : Follow the instruction manuals for the termination and assembly fixtures and tools.
Note 1 : The grounding plate and the plug are supplied as separate components.
Note 2 : Dedicated assembly fixtures are required at each stage of the termination process. For detail, refer to the instruction manual
supplied with the tools.
Note 3 : Do not apply excessive forces to FPC (Bending or twisting) as it may introduce cracks in the copper foil (on the cover film edge).
Note 4 : To protect the FPC, insertion and disconnection of the connectors should be performed parallel to the mating direction.
Note 5 : Do not apply excessive tension to FPC.
Note 6 : Refer to FPC manufacturer for bend radius and other specific recommendation. Distance should be allowed for the bending
position, as illustrated below.
B253-265 DF19 16.5.25 15:42 ページ B265



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com