Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF20 Datasheet(PDF) 6 Page - Hirose Electric

Part # DF20
Description  1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF20 Datasheet(HTML) 6 Page - Hirose Electric

  DF20 Datasheet HTML 1Page - Hirose Electric DF20 Datasheet HTML 2Page - Hirose Electric DF20 Datasheet HTML 3Page - Hirose Electric DF20 Datasheet HTML 4Page - Hirose Electric DF20 Datasheet HTML 5Page - Hirose Electric DF20 Datasheet HTML 6Page - Hirose Electric DF20 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
B271
●Straight pin header
BEmbossed Carrier Tape Dimensions
Part Number
No. of
Contacts
A
B
C
D
DF20F(G)-10DP-1V(56)
DF20F(G)-20DP-1V(56)
DF20F(G)-30DP-1V(56)
DF20F(G)-40DP-1V(56)
DF20F(G)-50DP-1V(56)
DF20F - 10DP-1H(59)
DF20F - 20DP-1H(59)
DF20F - 30DP-1H(59)
DF20F - 40DP-1H(59)
10
20
30
40
50
10
20
30
40
16
24
32
44
44
16
24
32
44
--------
--------
28.4
40.4
40.4
--------
--------
28.4
40.4
17.5
11.5
14.2
20.2
20.2
17.5
11.5
14.2
20.2
16.4
24.4
32.4
44.4
44.4
16.4
24.4
32.4
44.4
1.5
(0.4)
(7.4)
12±0.1
2±0.1
4±0.1
Unreeling direction
+0.1
0
2 ±0.5
Product name
label
Ø21±0.8
2 ±0.5
D
Ø1.5 mm diameter
feed hole depth
+2
0
1.5
(0.4)
(7.9)
12 ±0.1
2 ±0.1
4 ±0.1
Ø1.5
Unreeling direction
+0.1
0
+0.1
0
●Right angle pin header
●Reel dimensions
DF20 Series
●1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com