Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF20 Datasheet(PDF) 4 Page - Hirose Electric

Part # DF20
Description  1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF20 Datasheet(HTML) 4 Page - Hirose Electric

  DF20 Datasheet HTML 1Page - Hirose Electric DF20 Datasheet HTML 2Page - Hirose Electric DF20 Datasheet HTML 3Page - Hirose Electric DF20 Datasheet HTML 4Page - Hirose Electric DF20 Datasheet HTML 5Page - Hirose Electric DF20 Datasheet HTML 6Page - Hirose Electric DF20 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
B269
■ Double Row Straight Pin header
BPCB Footprints
D±0.05
P=1±0.03
A ±0.05
0.85±0.1
0.9±0.05
0.6±0.05
Contact No.1
Contact No.2
Contact No. **
Contact No. **-1
Contact No.3
0.2
D
C
Ø0.5
0.2
1.9
5.4
6.4
P=1
A
B
Contact No. 1 marking
Indication of number
of contacts
Note 1:Shaded area must be free of any electrically conductive traces to avoid contact with soldered pin header terminations.
Note 2: Required only for pin headers supplied with the positioning boss.
[Specifications number]-*, (**)
(56): Gold plating, embossed tape
packaging
Unit: mm
Note1: Order embossed tape packaging items by the reel. (1 reel contains 1,000 pieces)
Note2: Vacuum pick-up cap are included with embossed tape packaged connectors.
CL No.
Part Number
No. of contacts
CL686-0032-2-56
CL686-0033-5-56
CL686-0034-8-56
CL686-0035-0-56
CL686-0036-3-56
CL686-0037-6-56
CL686-0038-9-56
CL686-0039-1-56
CL686-0040-0-56
CL686-0041-3-56
DF20F -10DP-1V(56)
DF20F -20DP-1V(56)
DF20F -30DP-1V(56)
DF20F -40DP-1V(56)
DF20F -50DP-1V(56)
DF20G-10DP-1V(56)
DF20G-20DP-1V(56)
DF20G-30DP-1V(56)
DF20G-40DP-1V(56)
DF20G-50DP-1V(56)
10
20
30
40
50
10
20
30
40
50
A
B
C
D
Remarks
RoHS
14.0
19.0
14.0
19.0
24.0
14.0
19.0
14.0
19.0
24.0
17.3
12.3
17.3
22.3
27.3
17.3
12.3
17.3
22.3
27.3
16.6
11.6
16.6
21.6
26.6
16.6
11.6
16.6
21.6
26.6
----
----
----
----
----
15.7
10.7
15.7
20.7
25.7
Without boss
YES
With boss
DF20 Series
●1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com