Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF20 Datasheet(PDF) 1 Page - Hirose Electric

Part # DF20
Description  1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF20 Datasheet(HTML) 1 Page - Hirose Electric

  DF20 Datasheet HTML 1Page - Hirose Electric DF20 Datasheet HTML 2Page - Hirose Electric DF20 Datasheet HTML 3Page - Hirose Electric DF20 Datasheet HTML 4Page - Hirose Electric DF20 Datasheet HTML 5Page - Hirose Electric DF20 Datasheet HTML 6Page - Hirose Electric DF20 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
B266
1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20 series
DF20A-**DS-1C
Socket
DF20F(G)-**DP-1V
Pin Header
DF20F-****SCFA
Contact
Narrower external width and length
Metal fitting
■Features
1. Contact Pitch
1 mm contact pitch allows reliable solder and cable
termination.
2. Reliable electrical connection wipe
Effective electrical connection is assured with a 1mm wipe of
mating contacts.
3. Narrower external width and length
Redesigned metal fittings decreased the overall length of the
board- mount receptacle and permit end-to-end mounting of
several connectors.
4. Automatic equipment board placement
Straight type pin headers are supplied with a 5.4 mm X 4.6mm
flat platform to allow vacuum pick-up and placement on the
board.
5. Product variations
(1) Available with 10, 20, 30, 40, and 50 contacts.
(2) Pin headers are available in two types: with or without
board positioning bosses.
(3) Depending on specific application pin headers can be
ordered in straight or right angle types.
■Applications
Notebook PC, small office automation equipment, small
consumer devices, portable devices.
Any application requiring low profile reliable board-to-cable
connection with a AWG #28, AWG#30, AWG#32 conductors.
1mm Pitch, Double Rows
6.2
DF20F
**DP-1H(59)
DF20A-
**DS-1C
Cable
Socket
PCB
Cable
PCB
5.4
Socket
DF20A-
**DS-1C
Pin
Header
Pin
Header
DF20F(G)-
**DP-1V(56)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF20

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF200 WTE-DF200 Datasheet
50Kb / 4P
2.0A GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIER
September, 2012
logo
Diotech Company.
DF2005 DIOTECH-DF2005 Datasheet
920Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
PACELEADER INDUSTRIAL
DF2005 PACELEADER-DF2005 Datasheet
187Kb / 2P
SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Formosa MS
DF2005 FORMOSA-DF2005 Datasheet
144Kb / 6P
Bridge Rectifier
logo
Chip Integration Techno...
DF2005 CITC-DF2005 Datasheet
149Kb / 3P
2A Miniature Glass Passivated Single-Phase Bridge Rectifiers
More results

Similar Description - DF20

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF20A-10DS-1C HIROSE-DF20A-10DS-1C Datasheet
235Kb / 7P
1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF20A-10DS-1C HIROSE-DF20A-10DS-1C_1 Datasheet
302Kb / 7P
1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF20F-20DP-1V56 HIROSE-DF20F-20DP-1V56 Datasheet
288Kb / 7P
1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com