Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF64 Datasheet(PDF) 5 Page - Hirose Electric

Part # DF64
Description  4.5 mm pitch, Horizontal Mating 2-Piece System Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF64 Datasheet(HTML) 5 Page - Hirose Electric

  DF64 Datasheet HTML 1Page - Hirose Electric DF64 Datasheet HTML 2Page - Hirose Electric DF64 Datasheet HTML 3Page - Hirose Electric DF64 Datasheet HTML 4Page - Hirose Electric DF64 Datasheet HTML 5Page - Hirose Electric DF64 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
DF64 Series●4.5 mm pitch, Horizontal Mating 2-Piece System Connectors
A
B
A
4.55
P=4.5
■Crimp socket
■Crimp contact
t=0.2
2.1
2.1
Part Number
HRS No.
No. of Contacts
A
B
DF64-2P-4.5C
667-1003-1-00
2
18.4
19.0
DF64-3P-4.5C
Under development
3
22.9
23.5
(Note) Each package contains 100 pieces. Please order in full package quantities.
[Specification Number]
None: 1 package contains
100 pieces
Product No.
HRS No.
Type
Quantity
Finish
DF64-1822PCF
667-1004-4-00
Reel contact (Note 1)
1 reel = 5,000 pieces
Tin-plating
DF64-1822PC
Under development
Loose piece contact (Note 2)
1 package = 100 pieces
(Note 1) This product is sold 5,000 pieces per reel. Please order by full reel quantities.
(Note 2) Each package contains 100 pieces. Please order in full package quantities.
●Applicable wire (Tinned, annealed copper wire)
Conductor size (Core structure)
Jacket Diameter
AWG (34 pieces/
Ø 0.18 mm)
UL1015
(
Ø2.9mm)
AWG (21 pieces/
Ø 0.18 mm)
UL1015
(
Ø2.6mm)
AWG (17 pieces/
Ø 0.16 mm)
UL1015
(
Ø2.4mm)
(Note 1) Applicable wires will have conductors that are comprised of annealed, tin-plated material.
(Note 2) Please contact your local Hirose sales rep if you plan on using wires other than those listed above.
Applicable crimping tool
Item
Part Number
HRS No.
Applicable contact
Applicator
AP105-DF64-1822
CL901-4633-9-00
DF64-1822PCF
Press body
CM-105
CL901-0005-4-00
−
Hand tool
HT801/DF64-1822
Under development
DF64-1822PC
Extraction tool
DF62/RE-MD
CL902-4645-4-00
DF64-1822PCF
DF64-1822PC
(Note 1) Please conduct crimping work according to the "Crimping work standards" and "Crimping condition table".
(Note 2) Hirose does not cover damage created by the use of unapproved Hirose Tools. Please contact your local
Hirose Sales for clarification.
(Note 3) Hand tools do not have replaceable dies.
(Note 4) Approved wire is limited to UL1015; 18, 20, 22 AWG.
●Recommended wire
UL1015
●Strip length
3.0
∼4.0mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com