Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF64 Datasheet(PDF) 1 Page - Hirose Electric

Part # DF64
Description  4.5 mm pitch, Horizontal Mating 2-Piece System Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF64 Datasheet(HTML) 1 Page - Hirose Electric

  DF64 Datasheet HTML 1Page - Hirose Electric DF64 Datasheet HTML 2Page - Hirose Electric DF64 Datasheet HTML 3Page - Hirose Electric DF64 Datasheet HTML 4Page - Hirose Electric DF64 Datasheet HTML 5Page - Hirose Electric DF64 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
NEW
2013.11
4.5 mm pitch, Horizontal Mating 2-Piece System Connectors
DF64 Series
■Features
1
. Versatile Board-to-Board and Board-to-
Wire System
The DF64 Series connector system is a Board-to-
Board connector and Board-to-Wire that utilizes a
unique floating structure and a Board-to-Wire
connector that features an excellent locking system
2. Floating structure
The Board-to-Board floating structure delivers an
increased connection range together with a wide
effective mating length and width. The unique
stress-free contact structure was designed to
absorb movement and misalignment between serial
PCBs and ensure a continuous connection. (Please
refer to Figure 1)
Movement tolerance range for the X axis: ±0.5 mm
Movement tolerance range for the Y axis: MAX 2 mm
3. Reliable contact design
(B-to-B connection)
Our two-point contact structure provides a highly
reliable contact system. (Please refer to Figure 2)
4. Stress free side-locking system for
Board-to-Wire connections
The BTW side-locking structure provides a clear
tactile click to confirm completion of the mating
process and also allows for a visual check on the
side locks. The structure endures wiring stress and
prevents the wires from being pulled out of
alignment. (Please refer to Figure 3)
5. 350V voltage capacity
Its unique mating structure secures a creepage
distance of no less than 3.2 mm between the
contacts and produces a 350 V voltage capacity.
6. PCB layout simplification
The DF64 connector system shares one common
receptacle. This helps to simplify the PCB layout by
accepting the BTB header and the BTW cable plug.
7. Resistant to high heat
These connectors can operate in temperatures of
up to 105ç
MAX 2mm
±0.5mm
Y
X
Mating
Optimal mating
Y axis direction
X axis direction
In two axes of directions
◆The floating structure of the BTB connection
provides increased flexibility by absorbing
the movement of the PCB’s.
Figure 1
A
A
[
A-A]
First contact point
Second contact point
◆Two-point contact structure
Figure 2
Clear tactile click and
visual check possible.
◆BTW side-lock structure
Figure 3
(UL pending)


Similar Part No. - DF64

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF6 HIROSE-DF6 Datasheet
127Kb / 4P
3.96mm Pitch Connector Directly Mounted on Board
DF6-10P-3.96C HIROSE-DF6-10P-3.96C Datasheet
139Kb / 4P
3.96mm Pitch Connector Directly Mounted on Board
DF6-10P-3.96C HIROSE-DF6-10P-3.96C Datasheet
127Kb / 4P
3.96mm Pitch Connector Directly Mounted on Board
DF6-1822PC HIROSE-DF6-1822PC Datasheet
139Kb / 4P
3.96mm Pitch Connector Directly Mounted on Board
DF6-1822PC(05) HIROSE-DF6-1822PC(05) Datasheet
127Kb / 4P
3.96mm Pitch Connector Directly Mounted on Board
More results

Similar Description - DF64

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
FRC3-A016-10S DDK-FRC3-A016-10S Datasheet
346Kb / 4P
High Current Version for 2-Piece Connectors
logo
Hirose Electric
DF24A-40DS-0.9C HIROSE-DF24A-40DS-0.9C Datasheet
419Kb / 8P
0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
logo
Tyco Electronics
1-6450869-4 MACOM-1-6450869-4 Datasheet
1Mb / 6P
Quick Reference Guide 2-Piece Power Connectors
5223957-1 MACOM-5223957-1 Datasheet
1Mb / 6P
2-Piece Power Connectors
5223995-2 MACOM-5223995-2 Datasheet
1Mb / 6P
2-Piece Power Connectors
643424-1 MACOM-643424-1 Datasheet
1Mb / 6P
2-Piece Power Connectors
350792-1 MACOM-350792-1 Datasheet
1Mb / 6P
2-Piece Power Connectors
logo
Hirose Electric
DF49 HIROSE-DF49 Datasheet
1Mb / 11P
0.4 mm Pitch, Horizontal mating, Board- to-Fine Coaxial Cable Connectors
logo
Kingbright Corporation
APD2520F3C03-P22 KINGBRIGHT-APD2520F3C03-P22 Datasheet
462Kb / 1P
4.5 x 2 mm Infrared Emitting Diode
Rev No: V.1A
APD2520SF4C03-P22 KINGBRIGHT-APD2520SF4C03-P22 Datasheet
462Kb / 4P
4.5 x 2 mm Infrared Emitting Diode
Rev No: V.1B
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com