Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF64 Datasheet(PDF) 6 Page - Hirose Electric

Part # DF64
Description  4.5 mm pitch, Horizontal Mating 2-Piece System Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF64 Datasheet(HTML) 6 Page - Hirose Electric

  DF64 Datasheet HTML 1Page - Hirose Electric DF64 Datasheet HTML 2Page - Hirose Electric DF64 Datasheet HTML 3Page - Hirose Electric DF64 Datasheet HTML 4Page - Hirose Electric DF64 Datasheet HTML 5Page - Hirose Electric DF64 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
DF64 Series●4.5 mm pitch, Horizontal Mating 2-Piece System Connectors
Precautionary notes
1.Recommended
Temperature Profile
(Compatible with lead-free
soldering)
[Applicable Conditions]
1. Peak temperature
2. Heating unit: no less than 220
℃ for no more than 60 seconds
3. Preheating unit: 150 to 180
℃ for 90 to 120 seconds
4. Number of times: 2 times max.
* Measurement is conducted at the contact lead part
Please check the mounting conditions before use. Conditions such as solder paste
types, manufacturer, PCB size and any other soldering materials may alter the
performance of such materials.
(Note 1) This temperature profile is a recommended value only; please contact your
Hirose Sales Rep for more information
2.Recommended hand
soldering conditions
Temperature of soldering iron: 350±10
ç, soldering time: no more than 3 seconds
3. Recommended screen
thickness, aperture ratio
(pattern surface ratio)
Thickness: 0.1 mm, aperture ratio: 100%
4. Warping of the Board
A maximum of 0.02 mm at the center of connector, as measured from either end of the
connector
5. Cleaning Conditions
IPA cleaning is allowed. (Cleaning is not recommended because cleaning may change
the push/pull feeling etc. Please contact your local Hirose representative prior to the
use of any cleaning agents. )
6. Important Notes
■ When inserting the crimp contact into the crimp socket, do not insert it at a slanted
angle to maintain the reliability of its performance.
■ Please use caution when mating/unmating this connector if it has not been mounted
onto the PCB, doing so could deform or damage the contacts.
■ Do not pull on the wires of this connector as this may cause damage to the
connector.
■ During the hand soldering process, make sure to not apply too much flux. Doing so
may cause a solder wicking problem.
■ This product may experience some differences in color from one production lot to
another. This color difference does not influence the performance of the connector.
The characteristics and the specifications contained herein are for reference purpose. Please refer to the latest customer drawings prior to use.
The contents of this catalog are current as of date of 11/2013. Contents are subject to change without notice for the purpose of improvements.
6-3,Nakagawa Chuoh-2-Chome,Tsuzuki-Ku,Yokohama-Shi 224-8540,JAPAN
TEL: +81-45-620-3526 Fax: +81-45-591-3726
http://www.hirose.com
http://www.hirose-connectors.com
®



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com